Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1175 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1175
Description  Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1175 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1175 Datasheet HTML 1Page - Semtech Corporation SC1175 Datasheet HTML 2Page - Semtech Corporation SC1175 Datasheet HTML 3Page - Semtech Corporation SC1175 Datasheet HTML 4Page - Semtech Corporation SC1175 Datasheet HTML 5Page - Semtech Corporation SC1175 Datasheet HTML 6Page - Semtech Corporation SC1175 Datasheet HTML 7Page - Semtech Corporation SC1175 Datasheet HTML 8Page - Semtech Corporation SC1175 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC1175
Low Power Dual Synchronous DC/DC
Controller With Current Sharing Circuitry
Description
Features
Applications
Revision 7/31/2000
The SC1175 is a versatile 2 phase, synchronous, voltage mode
PWM controller that may be used in two distinct ways. First, the
SC1175 is ideal for applications where point of use output power
exceeds any single input power budget. Alternatively, the SC1175
can be used as a dual switcher. The SC1175 features a tempera-
ture compensated voltage reference, over current protection with
50% fold-back and internal level-shifted, high-side drive circuitry.
In current sharing configuration, the SC1175 can produce a single
output voltage from two separate voltage sources (which can be
different voltage levels) while maintaining current sharing between
the channels. Current sharing is programmable to allow loading
each input supply as required by the application.
In dual switcher configuration, two feedback paths are provided
for independent control of the separate outputs. The device will
provide a regulated output from flexibly configured inputs (3.3V,
5V, 12V), provided 5V is present for V
CC. The two switchers are
180° out of phase to minimize input and output ripple.
u 300kHz fixed frequency operation
u Soft Start and Enable function
u Power Good output provided
u Over current protection with 50% fold-back
u Phase-shifted switchers minimize ripple
u High efficiency operation, >90%
u Programmable output(s) as low as 1.25V
u Industrial temperature range
u SOIC 20 pin package
Two Phase, Current Sharing Controller
u Flexible, same or separate V
IN
u Programmable current sharing
u Combined current limit with fold-back
u 2 phases operating opposed for ripple reduction
u Thermal distribution via multi-phase output
Two Independent PWM Controllers
u Flexible, same or separate V
IN
u Independent control for each channel
u Independent and separate current limit
u 2 phases operating opposed for ripple reduction (if same
V
IN used)
u Graphics cards
u DDR Memory
u Peripheral add-in card
u SSTL Termination
u Dual-Phase power supply
u Power supplies requiring two outputs
Typical Application Circuit
2 Channels with Current Sharing


Similar Part No. - SC1175

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1175CSW.TR SEMTECH-SC1175CSW.TR Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175CSWTRT SEMTECH-SC1175CSWTRT Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175EVB-1 SEMTECH-SC1175EVB-1 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175EVB-2 SEMTECH-SC1175EVB-2 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC1175TS.TR SEMTECH-SC1175TS.TR Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
More results

Similar Description - SC1175

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1175 ANPEC-APW1175 Datasheet
247Kb / 10P
DUAL SYNCHRONOUS DC/DC CONTROLLER WITH CURRENT SHARING CONTROL
logo
International Rectifier
IRU3046 IRF-IRU3046 Datasheet
163Kb / 20P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
IRU3047 IRF-IRU3047 Datasheet
141Kb / 19P
DUAL SYNCHRONOUS PWM CONTROLLER WITH CURRENT SHARING CIRCUITRY AND LDO CONTROLLER
logo
Semtech Corporation
SC2677 SEMTECH-SC2677 Datasheet
163Kb / 9P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176 Datasheet
384Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1175 SEMTECH-SC1175_04 Datasheet
379Kb / 23P
Low Power Dual Synchronous DC/DC Controller With Current Sharing Circuitry
SC2677B SEMTECH-SC2677B Datasheet
547Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
SC1176 SEMTECH-SC1176_06 Datasheet
601Kb / 23P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
logo
Silicon Standard Corp.
SS9175 SSC-SS9175 Datasheet
210Kb / 12P
Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
logo
Semtech Corporation
SC2677B SEMTECH-SC2677B_09 Datasheet
382Kb / 19P
Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com