Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLPC0601A2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLPC0601A2
Description  High Brightness LED Power Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0601A2 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLPC0601A2 Datasheet HTML 1Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 2Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 3Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 4Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 5Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 6Page - Vishay Siliconix VLPC0601A2 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 83382
6
Rev. 1.2, 13-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VLPC0601A2, VLPC1201A2, VLPC1201A2J
Vishay Semiconductors High Brightness LED Power Module
PCB CHARACTERISTICS
• Metal core PCB: Al (minimum 1000 μm - thickness)
• Prepreg minimum 63 μm
• Conductive pattern Cu minimum 18 μm
• Free of burrs
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
• Solder resist on top side
• Shiny white surface (glossy-white Taiyo-PSR 2000)
• Galvanic of solder pads and backside pure matte Sn
(0.8 μm to 1.2 μm)
• Assembled with 6 or 12 VLMW911xxx LED’s. LED
position accuracy ± 0.3
EMISSION CHARACTERISTIC
Fig. 2 - Rel. Luminous Intensity vs. Angular Displacement
BAR CODE PRODUCT LABEL
A. Type of component
B. Manufacturing plant
C. SEL - selection code (bin):
X = color group
D. Batch:
200707 = year 2007, week 07
PH19
= plant code
E. Total quantity
Note
• 32 PCB’s per box, minimum order quantity 32
0.4
0.2
0
0.6
0.9
0.8
0°
10°
20°
30°
40°
50°
60°
70°
80°
0.7
1.0
22143-1
A
C
B
D
E
20613



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com