Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1186 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1186
Description  PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1186 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1186 Datasheet HTML 1Page - Semtech Corporation SC1186 Datasheet HTML 2Page - Semtech Corporation SC1186 Datasheet HTML 3Page - Semtech Corporation SC1186 Datasheet HTML 4Page - Semtech Corporation SC1186 Datasheet HTML 5Page - Semtech Corporation SC1186 Datasheet HTML 6Page - Semtech Corporation SC1186 Datasheet HTML 7Page - Semtech Corporation SC1186 Datasheet HTML 8Page - Semtech Corporation SC1186 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PROGRAMMABLE SYNCHRONOUS DC/DC
CONVERTER, DUAL LOW DROPOUT
REGULATOR CONTROLLER
© 1999 SEMTECH CORP.
PRELIMINARY - December 2, 1999
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC1186
1
DESCRIPTION
The SC1186 combines a synchronous voltage mode
controller with two low-dropout linear regulators
providing most of the circuitry necessary to
implement three DC/DC converters for powering
advanced microprocessors such as Pentium
® II & III.
The SC1186 switching section features an integrated
5 bit D/A converter, latched drive output for
enhanced noise immunity, pulse by pulse current
limiting and logic compatible shutdown. The SC1186
switching section operates at a fixed frequency of
140kHz, providing an optimum compromise between
size, efficiency and cost in the intended application
areas. The integrated D/A converter provides
programmability of output voltage from 2.0V to 3.5V
in 100mV increments and 1.30V to 2.05V in 50mV
increments with no external components.
The SC1186 linear sections are low dropout regula-
tors with short circuit protection, supplying 1.5V for
GTL bus and 2.5V for non-GTL I/O. The Reference
voltage is made available for external linear
regulators.
Pentium is a registered trademark of Intel Corporation
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
R
S
Q
+
-
70mV
+
-
+
-
2.5V FET
CONTROLLER
1.5V FET
CONTROLLER
1.265V
REF
ERROR
AMP
D/A
SHOOT-THRU
CONTROL
VCC
CS-
BSTH
DH
PGNDH
EN
CS+
BSTL
DL
PGNDL
VOSENSE
LDOEN
LDOS2
VID3
LDOS1
VID2
VID1
VID0
AGND
REF
GATE2
GATE1
LDOV
REF
VID4
CURRENT
LIMIT
LEVEL SHIFT AND
HIGH SIDE DRIVE
SYNCHRONOUS
MOSFET DRIVE
OSCILLATOR
PIN CONFIGURATION
AGND
GATE1
LDOS1
LDOS2
VCC
REF
LDOEN
CS-
CS+
PGNDH
DH
PGNDL
1
2
3
LDOV
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VOSENSE
EN
BSTH
BSTL
DL
VID0
VID1
VID2
VID3
VID4
GATE2
Top View
(24 Pin SOIC)
FEATURES
• Synchronous design, enables no heatsink solution
• 95% efficiency (switching section)
• 5 bit DAC for output programmability
• Designed for Intel Pentium® ll & III requirements
• 1.5V, 2.5V short circuit protected linear controllers
• 1.265V ± 1.5% Reference available
APPLICATIONS
• Pentium® ll & III microprocessor supplies
• Flexible motherboards
• 1.3V to 3.5V microprocessor supplies
• Programmable triple power supplies
ORDERING INFORMATION
Part Number
(1)
Package
Linear
Voltage
Temp.
Range (T
J)
SC1186CSW
SO-24
1.5V/2.5V 0° to 125°C
Note:
(1) Add suffix ‘TR’ for tape and reel.


Similar Part No. - SC1186

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results

Similar Description - SC1186

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1162 SEMTECH-SC1162 Datasheet
125Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1164 SEMTECH-SC1164 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1166 SEMTECH-SC1166 Datasheet
333Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER?
SC1172 SEMTECH-SC1172 Datasheet
119Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER WITH LOW DROPOUT REGULATOR CONTROLLER
SC1182 SEMTECH-SC1182 Datasheet
130Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1185 SEMTECH-SC1185 Datasheet
122Kb / 12P
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER
SC1186 SEMTECH-SC1186_04 Datasheet
234Kb / 15P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_05 Datasheet
275Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC2688 SEMTECH-SC2688 Datasheet
235Kb / 12P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
SC1189 SEMTECH-SC1189_07 Datasheet
276Kb / 16P
Programmable Synchronous DC/DC Converter, Dual LDO Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com