Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCW08 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SCW08
Description  8W DC-DC Regulated Single Output Converter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCW08 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SCW08 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2:1 wide input range
1000VDC I/O isolation
Built-in EMI filter
Protections: Short circuit / Overload
Cooling by free air convection
Five-sided shield metal case
100% full load burn-in test
Low cost / High reliability
2 years warranty
SPECIFICATION
FileName:SCW08-SPEC2011-03-08
ORDERNO.
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
SWITCHINGFREQUENCY
VOLTAGERANGE
EFFICIENCY (Typ.)
DCCURRENT
INPUT
(Note.5)
ENVIRONMENT
SAFETY
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
ISOLATIONCAPACITANCE
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
WEIGHT
FILTER
PROTECTION
VOLTAGE ACCURACY
A:9~18VDCB:18~36VDCC:36~72VDC
50KHzmin.
2.0%
0.5%
0.5%
50mVp-p
60mVp-p
60mVp-p
8W
320~1600mA
134~670mA
106~533mA
5V
SCW08A-05
SCW08B-05
SCW08C-05
SCW08A-12
SCW08B-12
SCW08C-12
SCW08A-15
SCW08B-15
SCW08C-15
12V
15V
A:888mA B:426mA
C:215mA
A:50mA
B:25mA
C:15mA
I/P-O/P:1KVDC
I/P-O/P:100MOhms/ 500VDC/25
/70%RH
250pFmax.
900khrsmin.MIL-HDBK-217F(25
)
-40~+71
(Refertooutputloadderatingcurve)
20%~90%RHnon-condensing
-40~+105
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor60min. eachalongX, Y,Zaxes
31.8*20.3*12.2mmor1.25"*0.80"*0.48"inch (L*W*H)
15g
1.All parameters are specified at normal input, rated load, 25
70% RH ambient.
2.Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
3.Line regulation is measured from low line to high line at rated load.
4.Load regulation is measured from 20% to 100% rated load.
5.Please prevent the converter from operating in overload or short circuit condition for more than 30 seconds.
75%
78%
78%
80%
82%
81%
79%
81%
81%
Fullload
Noload
Pinetwork
MechanicalSpecification
Unit:mm(inch)
PinConfiguration
DeratingCurve
Features :
RIPPLE&NOISE(max.) Note.2
LINEREGULATION
Note.3
LOADREGULATION
Note.4
OVERLOAD
SHORTCIRCUIT
110~250% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Alloutputequippedwithshortcircuit
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
232
223
169
1411
BOTTOMVIEW
15.24(0.60)
20.3(0.80)
12.2(0.48)
2.54(
)
0.10
5.08(
)
0.20
0.6+0.1/-0(0.024)
3.81()
0.15
SIDE
VIEW
100
Ta(
)
-40
0
25
50
71
60
80
100
P i nN o .
O u t p u t
2&3
9
11
1 4
1 6
2 2&2 3
- V i n
N . C .
N . C .
+ Vo u t
- Vo u t
+ V i n
8WDC-DCRegulatedSingleOutputConverter
S C W 0 8 series
EMICONDUCTION&RADIATION
EMSIMMUNITY
CompliancetoEN55022ClassB,FCCpart15ClassB
CompliancetoEN61000-4-2,3,4,5,6,8lightindustrylevel,criteria A
PROTECTION
Fuserecommended


Similar Part No. - SCW08

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-05 MEANWELL-SCW08A-05 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-12 MEANWELL-SCW08A-12 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08A-15 MEANWELL-SCW08A-15 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
SCW08B-05 MEANWELL-SCW08B-05 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
More results

Similar Description - SCW08

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DCW08 MEANWELL-DCW08 Datasheet
220Kb / 1P
8W DC-DC Regulated Dual Output Converter
SCW08 MEANWELL-SCW08 Datasheet
372Kb / 1P
8W DC-DC Regulated Single Output Converter
DCW08 MEANWELL-DCW08_11 Datasheet
222Kb / 1P
8W DC-DC Regulated Dual Output Converter
SKM15 MEANWELL-SKM15 Datasheet
191Kb / 1P
15W DC-DC Regulated Single Output Converter
SPA02 MEANWELL-SPA02_11 Datasheet
249Kb / 1P
2W DC-DC Regulated Single Output Converter
SRS MEANWELL-SRS_10 Datasheet
161Kb / 1P
0.5W DC-DC Regulated Single Output Converter
logo
Microdc power Technolog...
WRB0503YD-2000 MICRODC-WRB0503YD-2000 Datasheet
673Kb / 4P
8W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
URB1D03LD-15W MORNSUN-URB1D03LD-15W Datasheet
1Mb / 8P
REGULATED SINGLE OUTPUT DC-DC CONVERTER
URF2405LP-20W MORNSUN-URF2405LP-20W Datasheet
1Mb / 6P
REGULATED SINGLE OUTPUT DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
DC/DC CONVERTER 8W, Regulated Output, DIP Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com