Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1409 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1409
Description  1 A Synchronous Switching Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1409 Datasheet(HTML) 5 Page - Semtech Corporation

  SC1409 Datasheet HTML 1Page - Semtech Corporation SC1409 Datasheet HTML 2Page - Semtech Corporation SC1409 Datasheet HTML 3Page - Semtech Corporation SC1409 Datasheet HTML 4Page - Semtech Corporation SC1409 Datasheet HTML 5Page - Semtech Corporation SC1409 Datasheet HTML 6Page - Semtech Corporation SC1409 Datasheet HTML 7Page - Semtech Corporation SC1409 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SC1409
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
1 A Synchronous Switching Regulator
June 28, 2000
5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
-50
-25
0
25
50
75
100
125
Temperature (
oC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Quiescent Current
Shutdown Quiescent Current
Quiescent current vs temperature
250
300
350
400
450
500
550
-50
-25
0
25
50
75
100
125
Temperature (
oC)
88
90
92
94
96
98
100
Frequency (FSET=VIN)
Frequency (FSET=GND)
Max Duty Cycle
Frequency and max. duty cycle vs temperature
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
-50
-25
0
25
50
75
100
125
Temperature (
oC)
P-Channel (Topside)
N-Channel (Bottomside)
FET R
DS(ON) vs temperature
3.9
4.0
4.1
4.2
4.3
4.4
4.5
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VIN Increasing
VIN Decreasing
UVLO trip point vs temperature
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Soft start current vs temperature
1.196
1.198
1.200
1.202
1.204
1.206
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Reference voltage vs temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com