Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1454XIMSTR Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC1454XIMSTR
Description  Dual 150mA Ultra Low Dropout, Low Noise Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1454XIMSTR Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC1454XIMSTR Datasheet HTML 3Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 4Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 5Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 6Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 7Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 8Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 9Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 10Page - Semtech Corporation SC1454XIMSTR Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
SC1454
POWER MANAGEMENT
impedance allowable to maintain T
J £ 125°C:
This target value can be achieved by using one square
inch of board copper connected to the GND pin (pin 3),
which connects directly to the device substrate.
Increasing this area or the use of multi layer boards will
lower the junction temperature and improve overall
output voltage accuracy.
Layout Considerations
While layout for linear devices is generally not as critical
as for a switching application, careful attention to detail
will ensure reliable operation.
1) Attaching the part to a larger copper footprint will
enable better heat transfer from the device, especially
on PCBs where there are internal ground and power
planes.
2) Place the input, output and bypass capacitors close
to the device for optimal transient response and device
behaviour.
3) Connect all ground connections directly to the ground
plane. If there is no ground plane, connect to a common
local ground point before connecting to board ground.
R1 and R2 should be selected such that the current
flowing through them is ³ 10µA (thus R2 £ 120kW).
Thermal Considerations
The worst-case power dissipation for this part is given
by:
(1)
For all practical purposes, equation (1) can be reduced
to the following expression:
(2)
Looking at a typical application:
V
IN(MAX) = 4.2V
V
OUTA = 3V - 2% (worst case) = 2.94V
V
OUTB = 3.3V - 2% (worst case) = 3.234V
I
OUTA = IOUTB = 150mA
T
A = 85°C
Inserting these values into equation (2) above gives us:
Using this figure, we can calculate the maximum thermal
Applications Information (Cont.)
(
)
()
)
MAX
(
Q
)
MAX
(
IN
)
MAX
(
OUTB
)
MIN
(
OUTB
)
MAX
(
IN
)
MAX
(
OUTA
)
MIN
(
OUTA
)
MAX
(
IN
)
MAX
(
D
I
V
I
V
V
I
V
V
P
•
+
•
−
+
•
−
=
(
)
()
)
MAX
(
OUTB
)
MIN
(
OUTB
)
MAX
(
IN
)
MAX
(
OUTA
)
MIN
(
OUTA
)
MAX
(
IN
)
MAX
(
D
I
V
V
I
V
V
P
•
−
+
•
−
=
()
(
)
W
334
.
0
145
.
0
189
.
0
15
.
0
234
.
3
2
.
4
15
.
0
94
.
2
2
.
4
P
)
MAX
(
D
=
+
=
•
−
+
•
−
=
(
)
()
W
/
C
120
334
.
0
85
125
P
T
T
)
MAX
(
D
)
MAX
(
A
)
MAX
(
J
)
MAX
(
JA
°
=
−
=
−
=
θ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com