Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1531 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC1531
Description  200mA & 250mA SmartLDOs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1531 Datasheet(HTML) 4 Page - Semtech Corporation

  SC1531 Datasheet HTML 1Page - Semtech Corporation SC1531 Datasheet HTML 2Page - Semtech Corporation SC1531 Datasheet HTML 3Page - Semtech Corporation SC1531 Datasheet HTML 4Page - Semtech Corporation SC1531 Datasheet HTML 5Page - Semtech Corporation SC1531 Datasheet HTML 6Page - Semtech Corporation SC1531 Datasheet HTML 7Page - Semtech Corporation SC1531 Datasheet HTML 8Page - Semtech Corporation SC1531 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
ã 2000 Semtech Corp.
www.semtech.com
SC1531(A)
POWER MANAGEMENT
Note:
(1) VIN rise and fall times (10% to 90%) to be ³ 100µs.
Note:
(1) VIN rise and fall times (10% to 90%) to be £ 100ns.
Notes:
(1) Guaranteed by design.
(2) See 5V Detect Thresholds below.
(3) Recommended source impedance for 5V supply: £ 0.25W (0.2W for SC1531A). This will ensure that
I
O x RSOURCE < VHYST, thus avoiding DR toggling during 5V detect threshold transitions.
(4) In Application Circuit on page 1.
(5) See Timing Diagram below.
Electrical Characteristics (Cont.)
5V Detect Thresholds(1)
Timing Diagram(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com