Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1545 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1545
Description  500mA SmartLDOTM With Power Up Signal Sequencing
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1545 Datasheet(HTML) 6 Page - Semtech Corporation

  SC1545 Datasheet HTML 1Page - Semtech Corporation SC1545 Datasheet HTML 2Page - Semtech Corporation SC1545 Datasheet HTML 3Page - Semtech Corporation SC1545 Datasheet HTML 4Page - Semtech Corporation SC1545 Datasheet HTML 5Page - Semtech Corporation SC1545 Datasheet HTML 6Page - Semtech Corporation SC1545 Datasheet HTML 7Page - Semtech Corporation SC1545 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
500mA SmartLDO
TM With Power Up
Signal Sequencing
SC1545
PRELIMINARY - January 17, 2000
6
TIMING DIAGRAMS
Power up signal sequencing is shown in Figure 1. BF_CUT, PDR and NDR follow the power rails up to their final
values. SLP goes to its high value when the power rails have stabilized, ~25msec after power on. BF_CUT is
pulled low a period T1 after SLP goes high. T1 can be as short as 1msec. Typical measured values are
~200msec. The 2.5V LDO output stays OFF through this sequence.
Figure 1: Power Up Signal Sequencing
TYPICAL CHARACTERISTICS (Cont.)
0
100
200
300
400
500
600
700
800
900
1000
0
255075
100
125
TJ (°C)
VO = 0V
VDO Current Limit vs.
Junction Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com