Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1565 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1565
Description  VERY LOW DROPOUT 1.5 AMP REGULATOR WITH ENABLE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1565 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1565 Datasheet HTML 2Page - Semtech Corporation SC1565 Datasheet HTML 3Page - Semtech Corporation SC1565 Datasheet HTML 4Page - Semtech Corporation SC1565 Datasheet HTML 5Page - Semtech Corporation SC1565 Datasheet HTML 6Page - Semtech Corporation SC1565 Datasheet HTML 7Page - Semtech Corporation SC1565 Datasheet HTML 8Page - Semtech Corporation SC1565 Datasheet HTML 9Page - Semtech Corporation SC1565 Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
VERY LOW DROPOUT 1.5 AMP
REGULATOR WITH ENABLE
SC1565
October 3, 2000
6
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 5.5V
IO = 10mA
IO = 1.5A
TYPICAL CHARACTERISTICS
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
0
100
200
300
400
500
600
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
IO (A)
-40°C
0°C
25°C
150°C
Dropout Voltage vs. Output Current
vs. Junction Temperature
0
100
200
300
400
500
600
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 1.0A
IO = 0.5A
IO = 1.5A
Dropout Voltage vs. Junction
Temperature vs. Output Current
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 3.2V
IO = 10mA
IO = 1.5A
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 2.2V
IO = 10mA
IO = 1.5A
Reference Voltage vs. Junction
Temperature vs. Output Current
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 5.5V
IO = 1.5A
IO = 10mA
Reference Voltage vs. Junction
Temperature vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com