Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1566IM Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC1566IM
Description  Very Low Dropout 3.0 Amp Regulator With Enable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1566IM Datasheet(HTML) 5 Page - Semtech Corporation

  SC1566IM Datasheet HTML 1Page - Semtech Corporation SC1566IM Datasheet HTML 2Page - Semtech Corporation SC1566IM Datasheet HTML 3Page - Semtech Corporation SC1566IM Datasheet HTML 4Page - Semtech Corporation SC1566IM Datasheet HTML 5Page - Semtech Corporation SC1566IM Datasheet HTML 6Page - Semtech Corporation SC1566IM Datasheet HTML 7Page - Semtech Corporation SC1566IM Datasheet HTML 8Page - Semtech Corporation SC1566IM Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ã 2001 Semtech Corp.
www.semtech.com
SC1566
POWER MANAGEMENT
Typical Characteristics
Dropout Voltage vs. Output Current
vs. Junction Temperature
Dropout Voltage vs. Junction
Temperature vs. Output Current
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
Output Voltage (2.5V) vs. Junction
Temperature vs. Output Current
Reference Voltage vs. Junction
Temperature vs. Output Current
Reference Voltage vs. Junction
Temperature vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IO (A)
0°C
-40°C
150°C
25°C
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 0.5A
IO = 1.5A
IO = 3A
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 3A
IO = 10mA
VIN = 3.2V
2.450
2.460
2.470
2.480
2.490
2.500
2.510
2.520
2.530
2.540
2.550
-50
-25
0
25
50
75
100
125
150
TJ (°C)
IO = 3A
IO = 10mA
VIN = 5.5V
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 2.2V
IO = 10mA
IO = 3A
1.175
1.180
1.185
1.190
1.195
1.200
1.205
1.210
1.215
1.220
1.225
-50
-25
0
25
50
75
100
125
150
TJ (°C)
VIN = 5.5V
IO = 10mA
IO = 3A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com