Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1578 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1578
Description  HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1578 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1578 Datasheet HTML 1Page - Semtech Corporation SC1578 Datasheet HTML 2Page - Semtech Corporation SC1578 Datasheet HTML 3Page - Semtech Corporation SC1578 Datasheet HTML 4Page - Semtech Corporation SC1578 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH-EFFICIENCY STEP-DOWN
DC-DC CONVERTER
SC1578
January 29, 1998
FEATURES
• 4V to 24V input voltage operation.
• High efficiency (up to 95%).
• Low quiescent current at 90µA.
• Pulse-skipping and pulse-frequency modulation.
• Inputs-uncommitted current sense comparator.
• Duty cycle adjustable
• 90kHz to 280kHz oscillator frequency
• Power-saving shutdown mode (8µA Typical).
• Push-pull driver output
DESCRIPTION
The SC1578 is a high performance step-down DC-DC
converter, designed to drive an external P-channel
MOSFET to generate programmable output voltages.
Two main schemes of pulse-skipping and pulse-
frequency modulation are employed to maintain low
quiescent current and high conversion efficiency over
wide ranges of input voltage and loads. The SC1578
delivers 10mA to 2A of output current with 87%-93%
efficiency at V
IN=9V, VOUT=5V. A current sense
comparator with both inverting and non-inverting inputs
uncommitted is included to provide the crucial function
of either current limit protection or constant output
current control. When the SC1578 is used in a high-
side current sensing step-down constant current
source, the efficiency is typically greater than 90%.
Duty cycle can be adjusted to greater than 90% by
connecting a resistor from the DUTY pin to V
IN.
Quiescent current is about 90µA and can be reduced
to 8µA in shutdown mode. With a switching frequency
range of 90kHz to 280kHz, small size switching
components may be used, which is ideal for battery
powered portable equipment.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
BLOCK DIAGRAM
APPLICATIONS
• Notebook 5V/3.3V main power
• Step-down DC-DC converter module.
• Constant current source for battery chargers.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
24
V
Duty Voltage
V
DUTY
20
V
SHDN Voltage
V
SHDN
15
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage Temperature
Range
T
STG
-65 to 150
°C
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
(1)
PACKAGE
SC1578CS
SO-8
Note:
(1) Add suffix ‘TR’ for tape and reel.


Similar Part No. - SC1578

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11 KINGBRIGHT-SC15-11 Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
671Kb / 5P
38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC1578

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Linear Technology
LTC1265 LINER-LTC1265 Datasheet
226Kb / 16P
1.2A, High Efficiency Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Fairchild Semiconductor
FAN2001 FAIRCHILD-FAN2001 Datasheet
329Kb / 11P
1A High-Efficiency Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com