Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1631 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1631
Description  LOW VOLTAGE STEP-UP DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1631 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1631 Datasheet HTML 1Page - Semtech Corporation SC1631 Datasheet HTML 2Page - Semtech Corporation SC1631 Datasheet HTML 3Page - Semtech Corporation SC1631 Datasheet HTML 4Page - Semtech Corporation SC1631 Datasheet HTML 5Page - Semtech Corporation SC1631 Datasheet HTML 6Page - Semtech Corporation SC1631 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
LOW VOLTAGE STEP-UP
DC-DC CONVERTER
SC1631
January 29, 1998
FEATURES
• High efficiency 90%
• Power-saving shutdown mode (7µA typical)
• Internal 2A switch
• 120kHz switching rate
• Adjustable switch current limit
• On-chip low battery detector
DESCRIPTION
The SC1631 is a high efficiency step up DC-DC
converter. Only four external components are required
to deliver a fixed voltage of 3V, 3.3V, or 5V. Efficiency
beyond 87% can be easily achieved at 100mA load
with 2.2V to 3V input voltages.
A logic-controlled shutdown mode is provided for
power saving. Switch current limit can be programmed
with a resistor. The low battery detector can be
configured as a linear regulator or a burst mode
controller providing extremely low supply current
operation.
A switching rate of 120kHz reduces the inductor size -
inductors of 25µH to 50µH are recommended for most
applications.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
• Palmtop and notebook computers
• Pocket organizers
• Cameras
• Pagers
• Battery backup supplies
• Portable instruments
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
IN
7.0
V
Operating
Temperature Range
T
A
0 to 70
°C
Storage Temperature
Range
T
STG
-65 to 125
°C
BLOCK DIAGRAM
Note:
(1) Add suffix ‘TR’ for tape and reel.
ORDERING INFORMATION
DEVICE
(1)
OUTPUT VOLTAGE
PACKAGE
SC1631CS
SC1631-3CS
SC1631-5CS
3.3V
3.0V
5.0V
SO-8
PIN CONFIGURATION


Similar Part No. - SC1631

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC16311 SILAN-SC16311 Datasheet
119Kb / 13P
VFD CONTROLLER/DRIVER
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
SHENZHEN FUMAN ELECTRON...
SC16312 FUMAN-SC16312 Datasheet
319Kb / 11P
1/4 to 1/11 Duty VFD Controller
logo
Silan Microelectronics ...
SC16313 SILAN-SC16313 Datasheet
215Kb / 9P
VFD CONTROLLER / DRIVER
SC16315 SILAN-SC16315 Datasheet
556Kb / 11P
VFD CONTROLLER/DRIVER
More results

Similar Description - SC1631

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62216FP MITSUBISHI-M62216FP Datasheet
72Kb / 8P
Low Voltage Operation STEP-UP DC-DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
Low Voltage Operation STEP-UP DC/DC Converter
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com