Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC1650 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC1650
Description  HIGH-VOLTAGE INVERTING DC-DC CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1650 Datasheet(HTML) 1 Page - Semtech Corporation

  SC1650 Datasheet HTML 1Page - Semtech Corporation SC1650 Datasheet HTML 2Page - Semtech Corporation SC1650 Datasheet HTML 3Page - Semtech Corporation SC1650 Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
HIGH-VOLTAGE INVERTING
DC-DC CONVERTER
SC1650
January 29, 1998
ORDERING INFORMATION
Note:
(1) Add suffix ‘TR’ for tape and reel.
FEATURES
• 4V to 24V input voltage operation
• Adjustable output voltage up to -40V
• Low quiescent current at 100µA
• Pulse frequency modulation maintains high
efficiency (max 90%)
• 100kHz to 320kHz switching frequency
• Power-Saving shutdown mode (8µA typical)
• High efficiency with low cost external PNP bipolar
transistor
DESCRIPTION
The SC1650 is a high performance inverting DC-DC
converter, designed to drive an external power switch
to generate programmable negative voltages. In the
particularly suitable LCD bias contrast application,
maximum efficiency of 90% can be achieved with low
cost PNP bipolar transistor drivers. The 4V to 24V
input operation range allows the SC1650 to be
powered directly by the battery pack in most battery-
operated applications for greater efficiency. The output
voltage can be scaled to -40V by two external
resistors. A pulse frequency modulation scheme is
employed to maintain high efficiency conversion under
wide input voltage ranges. Quiescent current is about
100µA and can be reduced to 8µA in shutdown mode.
With a switching frequency range of 100kHz to
320kHz, small size switching components may be
used, which is ideal for battery powered portable
equipment such as notebook and palmtop computers.
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
APPLICATIONS
• Negative LCD contrast bias for
1.
Notebook & palmtop computers
2.
Pen-based data systems
3.
Portable data collection terminals
4.
Personal digital assistants
• Negative voltage supplies
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Maximum
Units
Supply Voltage
V
+
24
V
SHDN Voltage
V
SHDN
15
V
Operating
Temperature
Range
T
A
0 to 70
°C
Storage
Temperature
Range
T
STG
-65 to 125
°C
PIN CONFIGURATION
BLOCK DIAGRAM
DEVICE
(1)
V
OUT
PACKAGE
SC1650CS
Adj
SO-8


Similar Part No. - SC1650

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
SC1652CS SEMTECH-SC1652CS Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
France Joint
SC165X180X8 FRANCEJOINT-SC165X180X8 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
SC165X190X13 FRANCEJOINT-SC165X190X13 Datasheet
465Kb / 13P
STANDARD SHAFT SEALS
More results

Similar Description - SC1650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6755 TI-TPS6755 Datasheet
244Kb / 16P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Semtech Corporation
SC1652 SEMTECH-SC1652 Datasheet
81Kb / 4P
MICROPOWER INVERTING DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1650 AIC-AIC1650 Datasheet
206Kb / 6P
3-Cell, High-Efficiency, Inverting DC/DC Converter
AIC1652 AIC-AIC1652 Datasheet
57Kb / 6P
MICROPOWER INVERTING DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629 Datasheet
135Kb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
Rev 1; 6/97
logo
Microsemi Corporation
LX1734 MICROSEMI-LX1734 Datasheet
198Kb / 8P
1.0MHz Inverting DC/DC Converter
logo
Analog Microelectronics
AME5150 AME-AME5150 Datasheet
111Kb / 14P
Micropower Inverting DC/DC Converter
logo
Texas Instruments
SLVS155A TI1-SLVS155A Datasheet
440Kb / 19P
ADJUSTABLE INVERTING DC/DC CONVERTER
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
Boost/Buck/Inverting DC-DC CONVERTER
Rev 2
logo
Maxim Integrated Produc...
MAX629 MAXIM-MAX629_V01 Datasheet
1Mb / 12P
28V, Low-Power, High-Voltage, Boost or Inverting DC-DC Converter
2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com