Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB24205G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UB24205G-S08-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB24205G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button UB24205G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 7Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 8Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 9Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UB24205
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R121-019.a
APPLICATION INFORMATION
1.
Normal Condition
The voltage of the battery connected between VDD and VSS can be monitored by the UTC UB24205.The voltage
difference between CSI and VSS can sense the charge and discharge scheme. Under this condition:
VODL<VDD<VOCU and VCH<VCSI<VOI1, the UTC UB24205 will turn on the charging control MOSFET (internal) and
discharging control MOSFET (internal), the battery’s charging (or discharging) is in normal condition.
2.
Overcharge Condition
When the battery voltage becomes higher than the overcharge detection voltage (VOCU) during normal charging
condition through a delay time longer than TOC (the overcharge detection delay time), the charging will be stopped.
3.
Release of Overcharge Condition
Two ways to return to normal condition from overcharge condition:
(1)
Under the condition: the battery is self discharging, and if VDD<VOCR and VOI1>VCSI>VCH occurs, the UTC
UB24205
will be back to normal condition.
(2)
Connect the UTC UB24205 to a load and remove the charger.
4.
Overdischarge Condition
When the battery voltage falls below the overdischarge detection voltage (VODL) during discharging condition
and through a delay time longer than TOD (the overdischarge detection delay time), the discharging will be stopped.
And then CSI will be pulled up to VDD through an internal resistance. When VCSI>VOI2, the chip will enter into
power-down mode. In this mode, the current consumption is lower than 0.1μA.
5.
Release of Power-down mode
There are two ways back to normal condition:
(1)
If VCSI<VCH (Charger detection), when VDD>VODL.
(2)
If VCH<VCSI<VOI2, the condition VDD>VODR.
6.
Charger Detection
Charger detection is this action: while connecting to a charger after entering into power-down mode, then if
VDD<VCH and when VDD>VODL, the system will be back to normal condition as described in 1) of previous section.
7.
Abnormal Charge Current Condition
The abnormal charge current condition is when a charger is connected to the battery system in normal condition,
then if VDD<VOCU and VCSI<VCH occurs through a delay time than TOC (delay time of overcharge detection), and in
this condition the charging will be stopped.
8.
Over Current/Short Circuit Condition
The over current (or short circuit) condition is when the current is too large during discharging under normal
condition as a result of the voltage detected by CSI is greater than VOI1 (or VOI2) through a delay time TOI1(TOI2). In
this over current (or short circuit) condition, the discharging will be stopped and CSI will be pulled down to VSS
through an internal resistance.
9.
Release of Over Current/Short Circuit Condition
If the load is removed or the impedance between VBAT+ and VBAT- is larger than 500kΩ as well as VCSI<VOI1, the
system will be back to normal condition.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com