Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4431 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4431
Description  SHUNT REGULATOR WITH OPEN COLLECTOR OR OUTPUT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4431 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4431 Datasheet HTML 1Page - Semtech Corporation SC4431 Datasheet HTML 2Page - Semtech Corporation SC4431 Datasheet HTML 3Page - Semtech Corporation SC4431 Datasheet HTML 4Page - Semtech Corporation SC4431 Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SHUNT REGULATOR WITH OPEN
COLLECTOR OR OUTPUT
SC4431
PRELIMINARY - September 11, 2000
1
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The SC4431 is a four terminal device for regulating an
isolated power supply with very low output voltage.
It is intended to be used as a replacement for three ter-
minal shunt regulators such as SC431L where the out-
put voltage is too low for them to function in conjunc-
tion with an opto-isolator. It achieves this by having
seperate supply and output pins, allowing the output to
sink current at voltages as low as 0.2V, while the sup-
ply pin still has sufficient voltage for the device to func-
tion. In this way, allowing for a 1.6V drop through an
opto-isolator diode, regulation down to 1.8V out can be
achieved.
The SC4431 shunt regulator is available with three ini-
tial reference voltage accuracies (0.5%, 1.0% and
2.0%) in the space saving 5-lead SOT-23 package.
The three voltage tolerances allow the designer the
opportunity to select the proper cost/tolerance for their
application.
FEATURES
•= Trimmed bandgap design - initial accuracies to
+ 0.5%
•= 40mA drive capability
•= Wide supply voltage range - 1.5V to 15V
•= Low supply current - typically 110µA
•= Full industrial temperature range
APPLICATIONS
•= Opto driver for very low output voltage isolated
power supplies
ORDERING INFORMATION
Part Number
(1)(2)
Package
SC4431CSK-X.TR
SOT-23-5
Notes:
(1) Where “-X” denotes initial reference voltage toler-
ance. Available options are ±0.5% (-.5), ±1% (-1) and
±2% (-2).
(2) Only available in tape and reel packaging. A reel
contains 3000 devices.
TYPICAL APPLICATION CIRCUIT
2V OUT
R1
U1
4N25
U2
SC4431
1
2
3
4
5
VCC
GND
NC
REF
OUT
R4
10k
R3
6.34k
C2
22nF
C1
33nF
R2
5.1k
VIN
T1
Primary Side
Controller
Secondary Side
Rectification
and Filtering
2V Output Isolated Power Supply


Similar Part No. - SC4431

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4431 SEMTECH-SC4431 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431CSK-X SEMTECH-SC4431CSK-X Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
SC4431 SEMTECH-SC4431_03 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
More results

Similar Description - SC4431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4436 STMICROELECTRONICS-TS4436 Datasheet
96Kb / 8P
Adjustable 0.6V Open Collector Shunt Voltage Reference
Mar-2006
logo
Honeywell Solid State E...
SDP8304 HONEYWELL-SDP8304 Datasheet
395Kb / 4P
Optoschmitt Detector Open-Collector Output
logo
Semtech Corporation
SC4431 SEMTECH-SC4431_03 Datasheet
285Kb / 8P
Shunt Regulator With Open Collector Output
logo
STMicroelectronics
TS4431 STMICROELECTRONICS-TS4431 Datasheet
162Kb / 8P
1.224V Open Collector Shunt Voltage Reference
Nov-2005
logo
Advanced Monolithic Sys...
AMS303 AMS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
Vincotech
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
Open Emitter or Emitter Shunt
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
Open Emitter or Emitter Shunt
logo
Toshiba Semiconductor
TLP714 TOSHIBA-TLP714 Datasheet
396Kb / 15P
Inverter logic type (open collector output)
logo
Advanced Monolithic Sys...
AMS303 ADMOS-AMS303 Datasheet
150Kb / 7P
MICROPOWER COMPARATOR, OPEN COLLECTOR OUTPUT
logo
STMicroelectronics
ST1S14 STMICROELECTRONICS-ST1S14 Datasheet
2Mb / 46P
Power good open collector output
04-Mar-2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com