Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC8863 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC8863
Description  150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC8863 Datasheet(HTML) 4 Page - Semtech Corporation

  SC8863 Datasheet HTML 1Page - Semtech Corporation SC8863 Datasheet HTML 2Page - Semtech Corporation SC8863 Datasheet HTML 3Page - Semtech Corporation SC8863 Datasheet HTML 4Page - Semtech Corporation SC8863 Datasheet HTML 5Page - Semtech Corporation SC8863 Datasheet HTML 6Page - Semtech Corporation SC8863 Datasheet HTML 7Page - Semtech Corporation SC8863 Datasheet HTML 8Page - Semtech Corporation SC8863 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
150mA ULTRA LOW DROPOUT,
LOW NOISE REGULATOR
© 2000 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
SC8863
March 1, 2000
4
ELECTRICAL CHARACTERISTICS (Cont.)
Unless specified: V
IN = 3.6V, VSET = GND, VEN = VIN, TA = 25°C. Values in bold apply over full operating ambient temperature range.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
EN
EN Input Threshold
V
IH
1.8
V
V
IL
0.4
EN Input Bias Current
(3)
I
EN
EN = V
IN
0
100
nA
200
SET
Sense/Select Threshold
V
TH
20
55
80
mV
SET Reference Voltage
(1)
V
SET
I
OUT = 1mA
1.225
1.250
1.275
V
1mA
≤ I
OUT ≤ 150mA, 2.5V ≤ VIN ≤ 5.5V
1.206
1.294
SET Input Leakage Current
(3)
I
SET
SET = 1.3V
0.015
2.500
nA
5.000
OVER TEMPERATURE PROTECTION
High Trip Level
T
HI
170
°C
Hysteresis
T
HYST
10
°C
NOTE:
(1) Low duty cycle pulse resting with Kelvin corrections required.
(2) Defined as the input to output differential at which the output voltage drops 100mV below the value measured at
a differential of 2V.
(3) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com