Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN431AS Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SN431AS
Description  Programmable Voltage Reference
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN431AS Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SN431AS Datasheet HTML 1Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 2Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 3Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 4Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 5Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 6Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 7Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 8Page - KODENSHI_AUK CORP. SN431AS Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
KSD-I0A013-006
2
SN431/SNF431
Vref
Tolerance
PKG Type
Device Name
Marking
TO-92
SN431A
SN431A
TO-92M
SN431AM
SN431A
SOT-23
SN431AS1)
4GA□
3)
SOT-23
SNF431AS
2)
4KA□
3)
SOT-25
SN431AN
N4A□
3)
±
1%
SOT-89
SN431AF
SN431A
TO-92
SN431B
SN431B
TO-92M
SN431BM
SN431B
SOT-23
SN431BS1)
4GB□
3)
SOT-23
SNF431BS
2)
4KB□
3)
SOT-25
SN431BN
N4B□
3)
±
0.5%
SOT-89
SN431BF
SN431B
1) SN431x Pin Connection :
1. Cathode, 2. Reference, 3. Anode
2) SNF431x Pin Connection : 1. Reference, 2. Cathode, 3. Anode
3) □ : Year & Week Code
◈ Symbol
◈ Functional block diagram
◈ Ordering Information
Cathode(K)
Anode(A)
Reference(R)
Reference(R)
VREF=2.495V
Cathode(K)
Anode(A)
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com