Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN7906PI Datasheet(PDF) 13 Page - KODENSHI_AUK CORP.

Part # SN7906PI
Description  3 Terminal 1A Negative Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SN7906PI Datasheet(HTML) 13 Page - KODENSHI_AUK CORP.

Back Button SN7906PI Datasheet HTML 9Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 10Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 11Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 12Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 13Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 14Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 15Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 16Page - KODENSHI_AUK CORP. SN7906PI Datasheet HTML 17Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
KSD-I0O011-002
13
Jan. 2011 REV. 02
1) CIN should be required if regulators are located far from power supply filter
2) CO improves output stability and transient response
3) To specify an output voltage, substitute voltage value for “xx”
Typical Application
SN79xxPI/D
VIN
+ Ci
+ Co
RL
VOUT
+
–
SN79xxx
Split Power Supply / OP-AMP Supply (±12V / 1.0A )
Negative Fixed Output Regulator
SN7912PI/D
+ 2.2uF
+ 1.0uF
+ 0.33uF
+ 1.0uF
SN7812PI/D
1N4001
1N4001
Input
+15V
Input
-15V
Output
-12V
Output
+12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com