Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16HT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS16HT1
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16HT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS16HT1_10 Datasheet HTML 1Page - ON Semiconductor BAS16HT1_10 Datasheet HTML 2Page - ON Semiconductor BAS16HT1_10 Datasheet HTML 3Page - ON Semiconductor BAS16HT1_10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS16HT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR =75 Vdc)
(VR =75 Vdc, TJ = 150C)
(VR =25 Vdc, TJ = 150C)
IR
--
--
--
1.0
50
30
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
75
--
Vdc
Forward Voltage
(IF =1.0 mAdc)
(IF =10 mAdc)
(IF =50 mAdc)
(IF = 150 mAdc)
VF
--
--
--
--
715
855
1000
1250
mV
Diode Capacitance
(VR = 0,f= 1.0MHz)
CD
--
2.0
pF
Forward Recovery Voltage
(IF =10 mAdc, tr =20 ns)
VFR
--
1.75
Vdc
Reverse Recovery Time
(IF =IR =10 mAdc, RL =50 Ω)
trr
--
6.0
ns
Stored Charge
(IF = 10mAdctoVR =5.0 Vdc,
RL = 500 Ω)
QS
--
45
pC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com