Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL15 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SL15
Description  Low Capacitance TVS Diode For High Speed Data Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL15 Datasheet(HTML) 7 Page - Semtech Corporation

  SL15 Datasheet HTML 1Page - Semtech Corporation SL15 Datasheet HTML 2Page - Semtech Corporation SL15 Datasheet HTML 3Page - Semtech Corporation SL15 Datasheet HTML 4Page - Semtech Corporation SL15 Datasheet HTML 5Page - Semtech Corporation SL15 Datasheet HTML 6Page - Semtech Corporation SL15 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SL05 THRU SL24
Contact Information
Semtech Corporation
Protection Products Division
652 Mitchell Rd., Newbury Park, CA 91320
Phone: (805)498-2111 FAX (805)498-3804
Ordering Information
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
tl
o
V
l
e
e
R
r
e
p
y
t
Qe
z
i
S
l
e
e
R
C
T
.
5
0
L
SV
50
0
0
,
3h
c
n
I
7
G
T
.
5
0
L
SV
50
0
0
,
0
1h
c
n
I
3
1
C
T
.
2
1
L
SV
2
10
0
0
,
3h
c
n
I
7
G
T
.
2
1
L
SV
2
10
0
0
,
0
1h
c
n
I
3
1
C
T
.
5
1
L
SV
5
10
0
0
,
3h
c
n
I
7
G
T
.
5
1
L
SV
5
10
0
0
,
0
1h
c
n
I
3
1
C
T
.
4
2
L
SV
4
20
0
0
,
3h
c
n
I
7
G
T
.
4
2
L
SV
4
20
0
0
,
0
1h
c
n
I
3
1
Marking Codes
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
5
0
L
S5
0
L
2
1
L
S2
1
L
5
1
L
S5
1
L
4
2
L
S4
2
L



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com