Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL24 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SL24
Description  Low Capacitance TVS Diode For High Speed Data Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SL24 Datasheet(HTML) 5 Page - Semtech Corporation

  SL24 Datasheet HTML 1Page - Semtech Corporation SL24 Datasheet HTML 2Page - Semtech Corporation SL24 Datasheet HTML 3Page - Semtech Corporation SL24 Datasheet HTML 4Page - Semtech Corporation SL24 Datasheet HTML 5Page - Semtech Corporation SL24 Datasheet HTML 6Page - Semtech Corporation SL24 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SL05 THRU SL24
SL Connection Options
Device Connection for Protection of One High-Speed
Data Line
The SL series devices are designed to protect high-
speed data lines. The SLxx utilizes a low capacitance
compensation diode in series with, but in opposite
polarity to a TVS diode in each line to achieve an
effective capacitance of less than 5pF per device.
During a transient event, the internal rectifier must be
forward biased (TVS is reversed biased). Therefore,
each device will only suppress transient events in one
polarity. To achieve protection in both positive and
negative polarity, a second device is connected in anti-
parallel to the first. On unidirectional lines, a fast
switching steering diode may be used as an alternative
to using two SL devices.
The options for connecting the devices are as follows:
l
Low capacitance protection of one high-speed
line: Protection of one unidirectional or bidirec-
tional high-speed line is achieved by connecting two
devices in anti-parallel. Pin 1 of the first device is
connected to the line and pin 2 is connected to
ground (or to a second line for differential protec-
tion). Pin 2 of the second device is connected to
line 1 and pin 1 is connected to ground (or line 2)
as shown. Pin 3 is not connected. During positive
duration transients, the first device will conduct
from pin 1 to 2. The steering diode conducts in the
forward direction while the TVS will avalanche and
conduct in the reverse direction. During negative
transients, the second device will conduct in the
same manner. For optimum protection, the ground
connections should be made directly to the ground
plane for best results. The path length is kept as
short as possible to reduce the effects of parasitic
inductance in the board traces. The path length
between the TVS and the protected line should
also be minimized.
l
Connection Option for Unidirectional Lines Only:
An optional method for protecting unidirectional
(normal signal polarities above ground) lines is to
add a fast switching steering diode in parallel to the
SL TVS. Input/outputs are connected to pin 1 of
the SL device and the cathode of the rectifier. The
anode of the diode and pin 2 of the SL TVS are
connected to ground.
Two Devices : Bidirectional or
Unidirectional Line
One Devices with Steering Diode :
Unidirectional Line Only
I/O Line Protection
Applications Information



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com