Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT8803 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT8803
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8803 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT8803 Datasheet HTML 1Page - Unisonic Technologies UT8803 Datasheet HTML 2Page - Unisonic Technologies UT8803 Datasheet HTML 3Page - Unisonic Technologies UT8803 Datasheet HTML 4Page - Unisonic Technologies UT8803 Datasheet HTML 5Page - Unisonic Technologies UT8803 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UT8803
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-094,B
PIN CONFIGURATION
8
7
6
5
4
3
2
1
16
15
14
13
12
11
10
9
UOU1
NII 1
II 1
VREF
GND
TB
QTEST
TC1
CDS
TRIAC
RELAY
ZCD
VDD
II 2
NII 2
UOU2
PIN DESCRIPTION
PIN NO.
PIN NAME
FUNCTION
1
UOU1
First stage OP amp output
2
NⅡ1
First stage OP amp positive input
3
Ⅱ
1
First stage OP amp negative input
4
VREF
Reference voltage
5
GND
Ground
6
TB
Time base for System Clock. The periods TTb =(1±20%)RC/1.1
7
QTEST
Test
8
TCI
Timer clock generator. The periods TTci =(1±20%)RC/1.1
9
CDS
CDS detect, inhibitory output in the daytime.
10
TRIAC
TRIAC output, active low
11
RELAY
RELAY output, active high
12
ZCD
Detect zero cross of AC line, synchronously pin TRIAC
13
VDD
Power supply
14
2
Ⅱ
Second stage OP amp negative input
15
N 2
Ⅱ
Second stage OP amp positive input
16
UOU2
Second stage OP amp output



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com