Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTC812G-X-AE2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC812G-X-AE2-R
Description  MICROPROCESSOR RESET IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC812G-X-AE2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC812G-X-AE2-R Datasheet HTML 1Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 2Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 3Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 4Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTC812
CMOS IC
www.unisonic.com.tw
1 of 5
Copyright © 2010 Unisonic Technologies Co., Ltd
Ver.A
MICROPROCESSOR RESET IC
DESCRIPTION
The UTC UTC812 is a microprocessor (µP) reset circuit designed
to monitor the power supplies in µP and digital systems.
The UTC UTC812 has push-pull output and active-low RESET
output.
This device provides customers with perfect system reliability and
low cost which are achieved by to no external component
requirement and adjustments when used with +5V, +3.3V, +3.0V-
powered circuits.
This circuit performs a single function: it asserts a reset signal
whenever the VCC supply voltage declines below a preset threshold,
keeping it asserted for at least 140ms after VCC has risen above the
reset threshold. Reset thresholds suitable for operation with a variety
of supply voltages are available.
The reset comparator can be used to ignore fast transients on
VCC, and outputs are guaranteed to be in the correct logic state for
VCC down to 1V.
In applications, the UTC812 is suitable for computers, controllers,
intelligent instruments, critical microprocessors, microcomputer
power monitoring, portable, or battery-powered equipments and
automotive device.
FEATURES
* Supply Current: 10µA
* Precision Monitoring of +5V, +3.3V, +3.0V Powered Circuits
* With the Two Configurations In The Following:
Push-Pull RESET Output
* Power-On Reset Pulse Width: 140ms (MIN.)
* Outputs Guaranteed To Be In The Correct Logic State for VCC
Down to 1V.
* Required No External Components
* Power Supply Transient Immunity
ORDERING INFORMATION
Ordering Number
Package
Packing
UTC812G-X-AE2-R
SOT-23-3
Tape Reel
UTC812G-X-AE2-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel
(2) AE2: SOT-23-3
(4) G: Halogen Free
(3)Output Voltage Code
(4)Halogen Free
(3) Refer to Marking Information


Similar Part No. - UTC812G-X-AE2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC812G-X-AE2-R UTC-UTC812G-X-AE2-R Datasheet
151Kb / 5P
MICROPROCESSOR RESET IC
More results

Similar Description - UTC812G-X-AE2-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G690 GMT-G690 Datasheet
219Kb / 12P
Microprocessor Reset IC
logo
List of Unclassifed Man...
G680 ETC-G680 Datasheet
101Kb / 7P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G696 GMT-G696_06 Datasheet
164Kb / 11P
Microprocessor Reset IC
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
logo
Global Mixed-mode Techn...
G680 GMT-G680 Datasheet
56Kb / 1P
Microprocessor Reset IC
G676 GMT-G676 Datasheet
49Kb / 1P
Microprocessor Reset IC
G674 GMT-G674 Datasheet
37Kb / 1P
Microprocessor Reset IC
G660 GMT-G660 Datasheet
103Kb / 1P
Microprocessor Reset IC
G656 GMT-G656 Datasheet
34Kb / 1P
Microprocessor Reset IC
G630 GMT-G630 Datasheet
35Kb / 1P
Microprocessor Reset IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com