Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UR5HC418 Datasheet(PDF) 7 Page - Semtech Corporation

Part # UR5HC418
Description  AT / PS/2 - Compatible Keyboard Encoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HC418 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button UR5HC418 Datasheet HTML 3Page - Semtech Corporation UR5HC418 Datasheet HTML 4Page - Semtech Corporation UR5HC418 Datasheet HTML 5Page - Semtech Corporation UR5HC418 Datasheet HTML 6Page - Semtech Corporation UR5HC418 Datasheet HTML 7Page - Semtech Corporation UR5HC418 Datasheet HTML 8Page - Semtech Corporation UR5HC418 Datasheet HTML 9Page - Semtech Corporation UR5HC418 Datasheet HTML 10Page - Semtech Corporation UR5HC418 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
IMPLEMENTATION NOTES FOR THE UR5HC418
Copyright ©1997-2001 Semtech Corporation
DOC5-418-DS-109
www.semtech.com
7
The following notes pertain to the suggested schematics found on the next
pages.
The built-in oscillator on the UR5HC418 requires the attachment of the 4.00
MHz ceramic resonators with built-in load capacitors. You can use either an
AVX, part number PBRC-1.00 BR; or a Murata part number CSTCC4.00MG
ceramic resonator.
It may also be possible to operate with the 4.00 MHz crystal, albeit with
reduced performance. Due to their high Q, the crystal oscillator circuits
start-up slowly. Since the DeskCoderTM constantly switches the clock on and
off, it is important that a ceramic resonator is used (it starts up much quicker
than the crystal). Resonators are also less expensive than crystals.
Also, if crystal is attached, two load capacitors (33pF to 47pF) should be
added, a capacitor between each side of the crystal and ground.
In both cases, using ceramic resonator with built-in load capacitors, or
crystal with external load capacitors, a feedback resistor of one MegaOhm
should be connected between OSCin and OSCout.
Troubleshoot the circuit by looking at the output pin of the oscillator. If the
voltage it half-way between supply and ground (while the oscillator should
be running) --- the problem is with the load caps / crystal. If the voltage it all
the way at supply or ground (while the oscillator should be running) --- there
are shorts on the PCB.
Note: when the oscillator is intentionally turned off, the voltage on the output
pin of the oscillator is high (at the supply rail).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com