Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPF-90 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # LPF-90
Description  90W Single Output Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LPF-90 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  LPF-90 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LPF-90 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LPF-90 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVAC
I/P-O/P:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
Note.7
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
16ms/230VAC16ms/115VACatfullload
90~305VAC127~431VDC
47~63Hz
COLDSTART 70A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
301.6Khrsmin.MIL-HDBK-217F(25
)
161*61*36mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 60% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the static characteristics for more details.
6. Suitable for indoor use or outdoor use without direct sunlight exposure. Please avoid immerse in the water over 30 minutes.
7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
8. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
0.7Kg;20pcs/15Kg/0.73CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
90WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
High efficiency up to 91%
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
Suitable for dry / damp / wet locations
Fully isolated plastic case
Fully encapsulated with IP67 level (Note.6)
Class
power unit, no FG
Features :
L P F - 9 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
90
10
(RTH2)
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
18~21V
23~27V
28~34V
34~38V
41~46V
54~60V
47~53V
59~65V
89%
90%
90.5%
91%
91%
91%
91%
91%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
4.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
1.5%
2000ms,80ms/115VACatfullload1000ms,80ms/230VACatfullload
1.0%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
15V
LPF-90-15
LPF-90-20
LPF-90-24
LPF-90-30
LPF-90-36
LPF-90-42
LPF-90-48
LPF-90-54
20V
24V
30V
36V
48V
5A
4.5A
3.75A
3A
2.5A
1.88A
75W
90W
90W
90W
90W
90.24W
150mVp-p
150mVp-p
150mVp-p
200mVp-p
200mVp-p
200mVp-p
54V
1.67A
90.18W
200mVp-p
42V
2.15A
90.3W
200mVp-p
PF>0.97/115VAC,PF>0.96/230VAC,PF>0.95/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
0.95A /115VAC0.5A /230VAC0.4A /277VAC
UL8750,EN61347-1,EN61347-2-13independent
,IP67approved;DesignrefertoUL60950-1, TUVEN60950-1
,J61347-1,J61347-2-13
9~15V
12~20V
14.4~24V
18~30V
21.6~36V
28.8~48V
32.4~54V
25.2~42V
FileName:LPF-90-SPEC2011-08-12
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;EN61547,EN55024,lightindustrylevel(surge2KV),criteria A
EMCIMMUNITY
EMCEMISSION
IP67
F
M
M
110
SELV
( except for 48V,54V )
-40~+70
(Referto"DeratingCurve")


Similar Part No. - LPF-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90-15 MEANWELL-LPF-90-15 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90-15 MEANWELL-LPF-90-15 Datasheet
164Kb / 3P
90W Single Output Switching Power Supply
LPF-90-20 MEANWELL-LPF-90-20 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90-20 MEANWELL-LPF-90-20 Datasheet
164Kb / 3P
90W Single Output Switching Power Supply
More results

Similar Description - LPF-90

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPF-90D MEANWELL-LPF-90D Datasheet
255Kb / 4P
90W Single Output Switching Power Supply
LPF-90 MEANWELL-LPF-90 Datasheet
210Kb / 3P
90W Single Output Switching Power Supply
LPF-90D_1108 MEANWELL-LPF-90D_1108 Datasheet
250Kb / 4P
90W Single Output Switching Power Supply
LPF-90D_1112 MEANWELL-LPF-90D_1112 Datasheet
206Kb / 4P
90W Single Output Switching Power Supply
LPF-90_1112 MEANWELL-LPF-90_1112 Datasheet
164Kb / 3P
90W Single Output Switching Power Supply
HLG-80H-C MEANWELL-HLG-80H-C Datasheet
221Kb / 6P
90W Single Output LED Power Supply
NPF-90 MEANWELL-NPF-90 Datasheet
89Kb / 5P
90W Single Output Switching Power Supply
NPF-90D MEANWELL-NPF-90D Datasheet
104Kb / 6P
90W Single Output Switching Power Supply
PWM-90 MEANWELL-PWM-90 Datasheet
110Kb / 6P
90W PWM output LED power supply
logo
SL Power Electronics
TE90 SLPOWER-TE90 Datasheet
872Kb / 5P
90W Single Output External Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com