Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3ED2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3ED2
Description  Medium Performance Compact EMI Power Inlet Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3ED2 Datasheet(HTML) 1 Page - Tyco Electronics

  3ED2 Datasheet HTML 1Page - Tyco Electronics 3ED2 Datasheet HTML 2Page - Tyco Electronics 3ED2 Datasheet HTML 3Page - Tyco Electronics 3ED2 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
144
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
ED Series
ED Series
Medium Performance Compact EMI Power Inlet Filter
UL Recognized
CSA Certified
VDE Approved*
• Two element circuit provides medium attenuation
• Available with an internal ground-circuit inductor
(C versions) to isolate equipment chassis from
power line ground at radio frequencies
• Versions up to 15A*
• Similar to EEJ Series with alternative termination
options
• See the EC Series for better differential mode
performance
Ordering Information
3 ED 1 C
Ground Circuit Inductor
Omit if none
Output Styles
1 – .250 [6.3] spade terminals
(back)
2 – .250 [6.3] spade terminals
(bottom)
4 – Wire leads (bottom)
8 – Wire leads (back)
ED Series
Current Rating
1, 3, 6, 10 or 15A
ED1 / ED1C
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
.22 mA
@250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max.):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 15A*
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
Specifications
Available Part Numbers
1ED1
1ED2
1ED4
1ED8
3ED1
3ED2
3ED4
3ED8
6ED1
6ED2
6ED4
6ED8
10ED1
15ED1
15ED8
Ground Circuit Inductor Versions
6ED1C
6ED4C
6ED8C
10ED1C
Electrical Schematic
LINE
LOAD
1
Note 1: C Versions only
*15A versions are tested by Underwriters Laboratories
to US and Canadian requirements and are
VDE approved at 10A, 250VAC
EC8 / ED8C
ED2
EC4 / ED4C
Note 1: C versions only


Similar Part No. - 3ED2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EDK1 MACOM-3EDK1 Datasheet
176Kb / 3P
Enhanced Differential Mode Performance K Series RFI Line Filters
3EDK3 MACOM-3EDK3 Datasheet
176Kb / 3P
Enhanced Differential Mode Performance K Series RFI Line Filters
3EDP MACOM-3EDP Datasheet
73Kb / 2P
PC Board Mountable RFI Filters for General Purpose Applications
3EDP MACOM-3EDP Datasheet
481Kb / 2P
High Performance Compact RFI Power Line Filters with IEC Connectors
3EDP MACOM-3EDP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
More results

Similar Description - 3ED2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EC1 MACOM-1EC1_11 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
1EEA1 MACOM-1EEA1_11 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
1EF1F MACOM-1EF1F_11 Datasheet
245Kb / 3P
EMI Power Inlet Filter
1EJT1 MACOM-1EJT1_11 Datasheet
336Kb / 3P
High Performance Power Inlet Filter
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
Cost-effective Medium Performance Power Inlet Filter
EJT TEC-EJT Datasheet
336Kb / 3P
High Performance Power Inlet Filter
EC1 TEC-EC1 Datasheet
243Kb / 3P
High Performance EMI Power Inlet Filter
ED1 TEC-ED1 Datasheet
255Kb / 4P
Medium Performance Compact EMI Power Inlet Filter
EEA TEC-EEA Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com