Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3VR1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3VR1
Description  Two-stage General Purpose RFI Power Line Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3VR1 Datasheet(HTML) 1 Page - Tyco Electronics

  3VR1 Datasheet HTML 1Page - Tyco Electronics 3VR1 Datasheet HTML 2Page - Tyco Electronics 3VR1 Datasheet HTML 3Page - Tyco Electronics 3VR1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
61
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Two-stage General Purpose RFI Power Line Filter
R Series
R Series
Maximum leakage current each Line to Ground:
VR Models
ER Models
@120 VAC 60 Hz:
.4 mA
.21 mA
@250 VAC 50 Hz:
.7 mA
.36 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
1 to 20A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Dual T section RFI filter provides premium
performance
• Well suited for low impedance loads where noisy
RFI environments are present
• Controls pulsed, continuous and/or intermittent
interference
• ER models offer low leakage current without
deterioration of insertion loss
Ordering Information
10E R 7 M
Suffix
M – Metric inserts (style 8 only)
Omit for standard or none
C – Ground choke (select models)
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
7 – IEC inlet* (line side)
.250 [6.3] spade terminals
(load side)
R Series
Leakage current designation
E – Low leakage (<0.5 mA)
V – Standard
Current Rating
1, 2, 3, 5, 10 or 20A
Specifications
UL Recognized
CSA Certified
VDE Approved
VR3/ER3
Available Part Numbers
10VR6
1VR1
1ER1
1VR3
1ER3
2VR1
2ER1
2VR3
2ER3
3VR1
3ER1
3VR3
3ER3
3VR7
3ER7
3VR7M
3ER7M
5VR1
5ER1
5VR3
5ER3
5VR7
5ER7
5VR7M
5ER7M
10VR1
10ER1
10VR3
10ER3
10VR6
10ER7
10VR7
10ER7M
10VR7M
20ER1
20VR1
20VR6
VR1/ER1
*IEC 60320-1 C14 inlet mates with C13 connector
VR7/7M


Similar Part No. - 3VR1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3VR1 MACOM-3VR1 Datasheet
347Kb / 2P
Two-Stage General Purpose RFI Power Line Filter
logo
TE Connectivity Ltd
3VR1 TEC-3VR1 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
3VR1 TEC-3VR1 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
More results

Similar Description - 3VR1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1VR1 MACOM-1VR1 Datasheet
347Kb / 2P
Two-Stage General Purpose RFI Power Line Filter
logo
PowerDynamics, Inc
PEM POWERDYNAMICS-PEM Datasheet
215Kb / 6P
CHASSIS MOUNT, MULTI-STAGE EMI/RFI LINE FILTER
PF01PC POWERDYNAMICS-PF01PC Datasheet
213Kb / 2P
PC BOARD MOUNT, SINGLE STAGE EMI/RFI LINE FILTER.
logo
List of Unclassifed Man...
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
logo
TE Connectivity Ltd
1VR1 TEC-1VR1 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
1VR3 TEC-1VR3 Datasheet
226Kb / 4P
Two-stage General Purpose RFI Power Line Filter
logo
Wurth Elektronik GmbH &...
810913006 WURTH-810913006 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.001
810913010 WURTH-810913010 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
810913014 WURTH-810913014 Datasheet
906Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
810913020 WURTH-810913020 Datasheet
907Kb / 7P
WE-CLFS Line Filter Two-Stage
001.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com