Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6VG1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6VG1
Description  High Performance RFI Filters for Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VG1 Datasheet(HTML) 1 Page - Tyco Electronics

  6VG1 Datasheet HTML 1Page - Tyco Electronics 6VG1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
G Series
G Series
High Performance RFI Filters for Switching Power Supplies
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
Maximum leakage current each Line to Ground:
EG Models
VG Models
@ 120 VAC 60 Hz:
.30 mA
1.2 mA
@250 VAC 50 Hz:
.50 mA
2.0 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
6 & 10A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Designed to provide excellent attenuation for
most digital electronics equipment
• Broad frequency range of performance from
20kHz to 30MHz
• Size and cost-effective solution
• Designed to help comply with EN55022 Level A
and FCC Part 15J Class B
Ordering Information
10 E G 1
Input / Output Style
1 – .250 [6.3] spade terminals
G Series
Leakage current designation
E – Low leakage (<0.5 mA)
V – Standard
Current Rating
6 or 10A
Specifications
Electrical Schematics
LINE
LOAD
UL Recognized
CSA Certified
VDE Approved
6EG1 / 6VG1
Available Part Numbers
6EG1
6VG1
10EG1
10VG1
10EG1 / 10VG1
6EG1 & 6VG1
LINE
LOAD
10EG1 & 10VG1


Similar Part No. - 6VG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VG1 MACOM-6VG1 Datasheet
50Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results

Similar Description - 6VG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
High Performance RFI Filters for Switching Power Supply
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com