Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3773G Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3773G
Description  Complementary Silicon Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3773G Datasheet(HTML) 2 Page - ON Semiconductor

  2N3773G Datasheet HTML 1Page - ON Semiconductor 2N3773G Datasheet HTML 2Page - ON Semiconductor 2N3773G Datasheet HTML 3Page - ON Semiconductor 2N3773G Datasheet HTML 4Page - ON Semiconductor 2N3773G Datasheet HTML 5Page - ON Semiconductor 2N3773G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NPN 2N3773*, PNP 2N6609
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS (Note 3)
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 0.2 Adc, IB = 0)
VCEO(sus)
140
−
Vdc
Collector−Emitter Sustaining Voltage (Note 4)
(IC = 0.1 Adc, VBE(off) = 1.5 Vdc, RBE = 100 Ohms)
VCEX(sus)
160
−
Vdc
Collector−Emitter Sustaining Voltage
(IC = 0.2 Adc, RBE = 100 Ohms)
VCER(sus)
150
−
Vdc
Collector Cutoff Current (Note 4)
(VCE = 120 Vdc, IB = 0)
ICEO
−
10
mAdc
Collector Cutoff Current (Note 4)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc)
(VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150_C)
ICEX
−
−
2
10
mAdc
Collector Cutoff Current
(VCB = 140 Vdc, IE = 0)
ICBO
−
2
mAdc
Emitter Cutoff Current (Note 4)
(VBE = 7 Vdc, IC = 0)
IEBO
−
5
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 8 Adc, VCE = 4 Vdc) (Note 4)
(IC = 16 Adc, VCE = 4 Vdc)
hFE
15
5
60
−
−
Collector−Emitter Saturation Voltage
(IC = 8 Adc, IB = 800 mAdc) (Note 4)
(IC = 16 Adc, IB = 3.2 Adc)
VCE(sat)
−
−
1.4
4
Vdc
Base−Emitter On Voltage (Note 4)
(IC = 8 Adc, VCE = 4 Vdc)
VBE(on)
—
2.2
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common−Emitter
Small−Signal, Short−Circuit, Forward Current Transfer Ratio
(IC = 1 A, f = 50 kHz)
|hfe|
4
−
−
Small−Signal Current Gain (Note 4)
(IC = 1 Adc, VCE = 4 Vdc, f = 1 kHz)
hfe
40
−
−
SECOND BREAKDOWN CHARACTERISTICS
Second Breakdown Collector Current with Base Forward Biased
t = 1 s (non−repetitive), VCE = 100 V, See Figure 12
IS/b
1.5
−
Adc
3. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2%.
4. Indicates JEDEC Registered Data.
ORDERING INFORMATION
Device
Package
Shipping†
2N3773
TO−204
100 Unit / Tray
2N3773G
TO−204
(Pb−Free)
100 Unit / Tray
2N6609
TO−204
100 Unit / Tray
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com