Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS154MS Datasheet(PDF) 4 Page - Intersil Corporation

Part # HCS154MS
Description  Radiation Hardened 4 to 16 Line Decoder/Demultiplexer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS154MS Datasheet(HTML) 4 Page - Intersil Corporation

  HCS154MS Datasheet HTML 1Page - Intersil Corporation HCS154MS Datasheet HTML 2Page - Intersil Corporation HCS154MS Datasheet HTML 3Page - Intersil Corporation HCS154MS Datasheet HTML 4Page - Intersil Corporation HCS154MS Datasheet HTML 5Page - Intersil Corporation HCS154MS Datasheet HTML 6Page - Intersil Corporation HCS154MS Datasheet HTML 7Page - Intersil Corporation HCS154MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
FN2479.3
January 6, 2011
AC Electrical Specifications
SYMBOL
PARAMETER
CONDITIONS
(Notes 3, 4)
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
TPLH
Address to Output
VCC = 4.5V
9
+25°C
2
29
ns
10, 11
+125°C, -55°C
2
34
ns
TPHL
VCC = 4.5V
9
+25°C
2
27
ns
10, 11
+125°C, -55°C
2
31
ns
TPLH TPHL Enable to Output
VCC = 4.5V
9
+25°C
2
27
ns
10, 11
+125°C, -55°C
2
27
ns
NOTES:
3. All voltages referenced to device GND.
4. AC measurements assume RL = 500Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
Electrical Specifications The following parameters are controlled via design or process parameters. Min and Max
Limits are guaranteed but not directly tested. These parameters are characterized upon
initial design release and upon design changes which affect these characteristics.
SYMBOL
PARAMETER
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
CPD
Capacitance Power
Dissipation
VCC = 5.0V, f = 1MHz
1
+25°C
-
66
pF
1
+125°C, -55°C
-
74
pF
CIN
Input Capacitance
VCC = 5.0V, f = 1MHz
1
+25°C
-
10
pF
1
+125°C
-
10
pF
TTHL
TTLH
Output Transition
Time
VCC = 4.5V
1
+25°C
-
15
ns
1
+125°C
-
22
ns
DC Post Radiation Electrical Performance Characteristics
SYMBOL
PARAMETERS
CONDITIONS
(Notes 5, 6)
TEMPERATURE
200k RAD
LIMITS
UNITS
MIN
MAX
ICC
Quiescent Current
VCC = 5.5V, VIN = VCC or GND
+25°C
-
0.75
mA
IOL
Output Current (Sink)
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25°C
4.0
-
mA
IOH
Output Current
(Source)
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25°C
-4.0
-
mA
VOL
Output Voltage Low
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50μA
+25°C
-
0.1
V
VOH
Output Voltage High
VCC = 4.5V or 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50μA
+25°C
VCC
-0.1
-V
IIN
Input Leakage Current
VCC = 5.5V, VIN = VCC or GND
+25°C
-
±5µA
FN
Noise Immunity
Functional Test
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 7)
+25°C
---
TPLH
Address to Output
VCC = 4.5V
+25°C
2
34
ns
TPHL
VCC = 4.5V
+25°C
2
31
ns
TPLH TPHL Enable to Output
VCC = 4.5V
+25°C
2
27
ns
NOTES:
5. All voltages referenced to device GND.
6. AC measurements assume RL = 500Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
7. For functional tests, VO ≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
HCS154MS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com