Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC894LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC894LP5E
Description  FILTER - TUNABLE, BAND PASS SMT 5.9 - 11.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC894LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC894LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC894LP5E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3 - 9
3
Evaluation PCB
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 50 Ohms impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 128531 [1]
Item
Description
J1, J2
SMA - SRI
J3, J4
SMA - Johnson
C1, C2
100 pF Capacitor, 0402 Pkg.
U1
HMC894LP5E Filter - Tunable
PCB [2]
127338 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR or Rogers 25FR
HMC894LP5E
v00.1010
FILTER - TUNABLE, BAND PASS SMT
5.9 - 11.2 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com