Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL1F20 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL1F20
Description  Infrared Communication IrDA1.0 Compatible InfraredEmitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL1F20 Datasheet(HTML) 1 Page - Sharp Corporation

  GL1F20 Datasheet HTML 1Page - Sharp Corporation GL1F20 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VV
V
V
-
-
-
(Ta=25 ˚C)
(Unit : mm)
Features
Applications
Electro-optical Characteristics
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
GL1F20
GL1F20
Infrared Communication
(IrDA1.0 Compatible)
InfraredEmitting Diode
1. IrDA1.0 compatible infrared emitting diode
2. Built-in infrared emitting diode circuit
1. Personal computers
2. Portable information terminal equipment
3. Printers
4. Word processors
3. Recommended use in combination with detector (IS1U20)
IrDA : Abbreviation of the Infrared Data Association established
for standardization of infrared communication specifications
CC
IH
VIL
λ p
IE
-
-
-
IF = 20mA
4.75
4.5
850
40
1.41
-
870
-
0.23
0.17
5.25
VCC
0.4
900
350
0.6
0.6
V
nm
mW/sr
µ s
µ s
µ s
(Transmission rate : 2.4 to 115.2kbps)
Terminal configuration
1.6
VCC = 5V,RL = 7.5
Ω
Vin = 4.5V
twin= 1.63
µs,Duty ratio : 3/16
-
Driving voltage
High level input voltage
Low level input voltage
Peak emission wavelength
Radiant intensity
Light pulse width
Light rise time
Light fall time
Input current
Half intensity wavelength
Half intensity angle
IIH
Vin = 4.5V
IF = 20mA
IF = 20mA
-
1.0
-
3.0
40
±20
--
-
nm
mA
*3 Direction of mechanical axis of the lens portion of the element :
φ =0˚
(Ta=25˚C)
Topr
˚C
Tstg
˚C
Tsol
260
˚C
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Operating temperature
Storage temperature
Soldering temperature
Forward current
Peak forward current
*2
*1
IFM
IF
50
400
-10 to + 70
-20 to + 85
mA
mA
*1 Pulse width 78.1
µ s, Duty ratio=3/16
*2 For MAX. 3 seconds at the position of 2 mm from the resin edge
tr
tf
-
2.71
1
Base
2
Emitter
3
Anode
∆λ
∆θ
φ<=15˚,*3
tW
Outline Dimensions
5.6
R 1.4
MAX. 0.6
3-0.45
1.27
1.27
Base
0.4
Transparent resin
1 2 3
1
2
3
Detector center
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s
s
s


Similar Part No. - GL1F20

ManufacturerPart #DatasheetDescription
logo
SICK AG
GL10-03811S01 SICK-GL10-03811S01 Datasheet
866Kb / 7P
Photoelectric retro-reflective sensor
2/18/2016
GL10-03811S02 SICK-GL10-03811S02 Datasheet
854Kb / 7P
Photoelectric retro-reflective sensor
2/16/2016
GL10-F4551 SICK-GL10-F4551 Datasheet
808Kb / 7P
Photoelectric retro-reflective sensor
2/18/2016
GL10-F4554 SICK-GL10-F4554 Datasheet
808Kb / 7P
Photoelectric retro-reflective sensor
2/18/2016
GL10-N1111 SICK-GL10-N1111 Datasheet
788Kb / 7P
Photoelectric retro-reflective sensor
2/18/2016
More results

Similar Description - GL1F20

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1U20 SHARP-IS1U20 Datasheet
33Kb / 3P
OPIC Light Detector for Infrared Communication (IrDA1.0 Compatible)
logo
Rohm
RPM873 ROHM-RPM873 Datasheet
87Kb / 7P
IrDA Infrared Communication Module
RPM872-H14 ROHM-RPM872-H14 Datasheet
96Kb / 7P
IrDA infrared communication module
RPM882-H12 ROHM-RPM882-H12 Datasheet
126Kb / 10P
IrDA Infrared Communication Module
RPM971-H14 ROHM-RPM971-H14 Datasheet
110Kb / 9P
IrDA Infrared Communication Module
RPM972-H14 ROHM-RPM972-H14 Datasheet
117Kb / 10P
IrDA Infrared Communication Module
RPM872-H12 ROHM-RPM872-H12_06 Datasheet
96Kb / 7P
IrDA Infrared communication Module
RPM960-H14 ROHM-RPM960-H14_05 Datasheet
117Kb / 6P
IrDA Infrared Communication Module
RPM871-E4 ROHM-RPM871-E4 Datasheet
75Kb / 8P
IrDA Infrared communication Module
logo
M-System Co.,Ltd.
COPIRU MSYSTEM-COPIRU Datasheet
80Kb / 2P
INFRARED COMMUNICATION ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com