Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

557 Datasheet(PDF) 2 Page - Dialight Corporation

Part # 557
Description  High Intensity LED Panel Mount Indicators for 11/16' Mounting Hole Watertight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

557 Datasheet(HTML) 2 Page - Dialight Corporation

  557 Datasheet HTML 1Page - Dialight Corporation 557 Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
557 Series - Bi-Color
High Intensity LED Panel Mount Indicators
for
11
/16” Mounting Hole
Watertight
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
MDEL557V001_E
LED Panel Mount Indicator Selection
Dialight’s line of LED Panel Mount Indicators are available in a variety of sizes and options.
Please visit our website for more information.
www.dialight.com
u
.156” 558 Series
u
8mm 608 Series
u
.250” 559 Series
u
9mm 609 Series
u
5mm 605 Series
u
10mm 610 Series
u
6mm 606 Series
u
11/16” Watertight 557 Series
u
7mm 607 Series
u
1” Watertight 556 Series
Dialight reserves the right to make changes at any time
in order to supply the best product possible.
Custom capabilities: Please contact factory regarding customizing these indicators to your specific requirement.
PART NUMBER
COLOR
VOLTAGE
(VDC)
CURRENT
(mA)
TYPICAL
LUMINANCE
(fL)
RoHS
COMPLIANT
557-1412-203F
Red / Green
5
70 / 16
400 / 1000
a
557-1422-203F
Red / Blue
5
70 / 16
400 / 250
a
557-1432-203F
Yellow / Green
5
70 / 16
400 / 1000
a
557-1442-203F
Yellow / Blue
5
70 / 16
400 / 250
a
557-1452-203F
Yellow / Red
5
70 / 20
400 / 140
a



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com