Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFC301 Datasheet(PDF) 1 Page - Tyco Electronics

Part # SPFC301
Description  Power Factor Correction Coils (Three Phase)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SPFC301 Datasheet(HTML) 1 Page - Tyco Electronics

  SPFC301 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
Power Factor Correction Coils (Three Phase)
Corcom Facility EMI Filters Product Guide
Catalog: 1654986
Issue Date: 06.2011
Dimensions are in inches and millimeters unless otherwise specified. Values in italics are metric
USA Cust. Svc.:
1-800-468-2023
equivalents. Dimensions are shown for reference purposes only. Specifications subject to change.
Corcom Prods:
1-847-680-7400
te.com
corcom.com
2
Features
• Used to cancel part of the undesirable capacitive-
reactive current due to the line-to-ground capacitors
in Power Line Filters operating at 400 Hz power
• Coils are optional for CDEUX,CDEUW, CDEUL, TECUL,
CDSUW and CDSUX filters
Electrical Characteristics
Voltage Rating:
120/208 VAC/400 Hz
Temperature Rise:
Case temperature rise shall not exceed 35˚C when
operating at an ambient temperature of 25˚C
Materials
Unit Case:
• #16GA min. steel
• All surfaces painted
Power factor correction coils are also available for single phase
products. Contact Product Engineering at 847-573-6517
Part Nos.
Catalog
Dimensions ±0.06 [1.52]
Current
Used
No.
A
B
C
D
E
F
per Phase
For
1609206-2
SPFC301
16.0
10.0
12.0
12.0
8.0
8.0
12A
CDEUL, TECUL, CDEUX
406.4
254.0
304.8
304.8
203.2
203.2
CDEUW, CDSUW, CDSUX
******030A4
1609206-4
SPFC302
18.0
11.0
14.0
13.0
8.0
8.0
24A
CDEUL, TECUL, CDEUX
457.2
279.4
355.6
330.2
203.2
203.2
CDEUW, CDSUW, CDSUX
******060A4
1609206-6
SPFC303
18.0
16.0
14.0
18.0
14.0
12.0
36A
CDEUL, TECUL, CDEUX
457.2
406.4
355.6
457.2
355.6
304.8
CDEUW, CDSUW, CDSUX
******100A4
1609206-7
SPFC304
20.0
20.0
16.0
22.0
14.0
12.0
48A
CDEUL, TECUL, CDEUX
508.0
508.0
406.4
558.8
355.6
304.8
CDEUW, CDSUW, CDSUX
******225A4
Filter Assembly
Power Input
N1
2
3
SPFC
Knockouts for
.75 [19.05] and 1.0 [25.4] Pipe
(4x)
Typical
2.0
50.8
0.5
12.7
Dia. (4x)
C
D
E
A
GND
2.5
63.5
2.0
50.8
Typical
B
F
3.0
76.2
9.0
228.6


Similar Part No. - SPFC301

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SPFC BEL-SPFC Datasheet
4Mb / 12P
High Frequency PFC Chokes
SPFC-EE20-25 BEL-SPFC-EE20-25 Datasheet
4Mb / 12P
High Frequency PFC Chokes
SPFC-EER28-125 BEL-SPFC-EER28-125 Datasheet
4Mb / 12P
High Frequency PFC Chokes
SPFC-EFD25-50 BEL-SPFC-EFD25-50 Datasheet
4Mb / 12P
High Frequency PFC Chokes
SPFC-EFD30-100 BEL-SPFC-EFD30-100 Datasheet
4Mb / 12P
High Frequency PFC Chokes
More results

Similar Description - SPFC301

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUI30-12N1 IXYS-VUI30-12N1 Datasheet
54Kb / 2P
Rectifier Module for Three Phase Power Factor Correction
VUM25-05E IXYS-VUM25-05E Datasheet
82Kb / 4P
Rectifier Module for Three Phase Power Factor Correction
VUM85-05A IXYS-VUM85-05A Datasheet
70Kb / 3P
Rectifier Module for Three Phase Power Factor Correction
logo
EPCOS
B25667B4287A375 EPCOS-B25667B4287A375 Datasheet
136Kb / 3P
Power Factor Correction
B25667B2457A175 EPCOS-B25667B2457A175 Datasheet
132Kb / 3P
Power Factor Correction
B25667B2627A375 EPCOS-B25667B2627A375 Datasheet
129Kb / 3P
Power Factor Correction
logo
Sensitron
PFCU-3000 SENSITRON-PFCU-3000 Datasheet
128Kb / 5P
3000W Single-Phase Power Factor Correction Converters
logo
Emerson Network Power
LPT80 EMERSON-NETWORKPOWER-LPT80 Datasheet
281Kb / 3P
Power Factor Correction
logo
Sensitron
PFCU-1500 SENSITRON-PFCU-1500_08 Datasheet
131Kb / 5P
1500W Single-Phase Power Factor Correction Converters
logo
Cornell Dubilier Electr...
PFCSS24C0.5S572T CDE-PFCSS24C0.5S572T Datasheet
139Kb / 4P
3-Phase AC Power Factor Correction Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com