Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

13053CE Datasheet(PDF) 1 Page - Dialight Corporation

Part # 13053CE
Description  ECE Position Lamps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

13053CE Datasheet(HTML) 1 Page - Dialight Corporation

  13053CE Datasheet HTML 1Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES / BENEFITS
ECE Approved Red and White
Long Life / High reliability
Shock and Vibration Resistant
Reduced maintenance
Low current draw
Polycarbonate lens for durability
Potted design for improved seal integrity
Integral wiring
13 Series
ECE Position Lamps
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732-919-3119 • Fax: (1) 732-751-5778 • www.dialight.com
a Roxboro Group Company
MDTB13EX001_01
SPECIFICATIONS
The Dialight 13 series ECE approved position lights were designed by Dialight for heavy-duty application on trucks
and busses where small size, high reliability, and reduced maintenance are a prime concern. These lamps are
designed using Dialight’s unique potted construction to provide a superior seal against moisture. The incorporation
of integral wiring in the design results in fewer interconnections between the lamp and the vehicle harness.
Part Number
Color
Operating Voltage
Typical Current
ECE Approval #
13053CE
White
24 V
15 m Amps
1682
13053RE
Red
24 V
60 m Amps
1683
Note: Red Wire Positive
Black Wire Negative
PRELIMINARY


Similar Part No. - 13053CE

ManufacturerPart #DatasheetDescription
logo
Heyco.
13053 HEYCO-13053 Datasheet
117Kb / 1P
Self-Aligning Nylon Cable Clamps
logo
TE Connectivity Ltd
130537 TEC-130537 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
Heyco.
13053B HEYCO-13053B Datasheet
117Kb / 1P
Self-Aligning Nylon Cable Clamps
More results

Similar Description - 13053CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMRC6 ETC-GMRC6 Datasheet
146Kb / 3P
GIANT MAGNETO RESISTIVE POSITION POSITION SENSOR
logo
Panasonic Semiconductor
EEE-0JA101AP PANASONIC-EEE-0JA101AP Datasheet
119Kb / 7P
V-S series Surface Mount Type Aluminum Electrolytic Capacitors ECE-V parts
logo
XP Power Limited
ECE05US03 XPPOWER-ECE05US03 Datasheet
158Kb / 2P
5/10 Watts ECE Series
logo
SICK AG
MPA-719THTP0 SICK-MPA-719THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-143THTP0 SICK-MPA-143THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-251THTP0 SICK-MPA-251THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
MPA-395THTP0 SICK-MPA-395THTP0 Datasheet
2Mb / 7P
POSITION SENSORS
logo
M-System Co.,Ltd.
VOS2T MSYSTEM-VOS2T Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS2T-R MSYSTEM-VOS2T-R Datasheet
132Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
VOS-E MSYSTEM-VOS-E Datasheet
147Kb / 4P
Position Sensors 2-WIRE POSITION TRANSMITTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com