Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46003CB Datasheet(PDF) 1 Page - Dialight Corporation

Part # 46003CB
Description  4' Round LED Back-up Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

46003CB Datasheet(HTML) 1 Page - Dialight Corporation

  46003CB Datasheet HTML 1Page - Dialight Corporation 46003CB Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES / BENEFITS
Industry standard 4” round design
Unique potted design assures seal integrity
Terminated with Packard Weather Pak connector
Polycarbonate lens
Lens hard-coating option to protect from chemicals
and abrasion
Available in grommet and flange mount versions
Higher intensity version for single lamp applications
available
Reduced current draw
Longer life
46 SERIES
4” Round LED Back-up Lamps
Dialight Corporation
1501 Route 34 South • Farmingdale, NJ 07727 USA
Tel: (1) 732.919.3119 • Fax: (1) 732.751.5778 • www.dialight.com
MDTB46BX001_A
a Roxboro Group Company
The 46 series LED Back-up lamps were developed by Dialight for bus applications where increased safety and reliability are a
major concern. These lamps were designed to conform to all of the FMVSS requirements for both existing and new vehicle
designs.
The 46 series back-up lamps use Dialight’s unique durable potted construction which results in a superior lamp seal. The use
of integral wiring with sealed connectors results in unsurpassed lamp reliability and resistance to corrosion
.
SPECIFICATIONS
APPLICATION
Part Number
Description
Typical Power Ratings
46xx1CB
14 Volt White Back-up Lamp
180 mAmps @ 14 Volts
46xx3CB
24 Volt White Back-up Lamp
120 mAmps @ 24 Volts
Part Number
Voltage
Hard Coated
46001CB
12 Volts
No
46003CB
24 Volts
No
46121CB
12 Volts
Yes
46123CB
24 Volts
Yes
46261CB*
12 Volts
Yes
46263CB*
24 Volts
Yes
* = Black Flange Mount Product


Similar Part No. - 46003CB

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
46003CB811 DIALIGHT-46003CB811 Datasheet
574Kb / 2P
White LED Products for Bus Applications
More results

Similar Description - 46003CB

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-103YD A-BRIGHT-AL-103YD_10 Datasheet
265Kb / 5P
10mm Round LED Lamps
2010/5/5
AL-314HT A-BRIGHT-AL-314HT_10 Datasheet
276Kb / 5P
3mm Round LED Lamps
2010/5/5
AL-314LRC-A A-BRIGHT-AL-314LRC-A_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
AL-314SG1C A-BRIGHT-AL-314SG1C_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
AL-314SGC A-BRIGHT-AL-314SGC_09 Datasheet
237Kb / 5P
3mm Round LED Lamps
2009/2/25
AL-314UG3C-A A-BRIGHT-AL-314UG3C-A_06 Datasheet
315Kb / 5P
3mm Round LED Lamps
2006/9/25
AL-314UOC A-BRIGHT-AL-314UOC_06 Datasheet
315Kb / 5P
3mm Round LED Lamps
2006/9/25
AL-314UY2C-A A-BRIGHT-AL-314UY2C-A_06 Datasheet
315Kb / 5P
3mm Round LED Lamps
2006/9/25
logo
Dialight Corporation
41071A DIALIGHT-41071A Datasheet
108Kb / 1P
4' Round LED Rear Turn Signal Lamps
46071RT-802 DIALIGHT-46071RT-802 Datasheet
105Kb / 1P
4' Round LED Stop/Tail/Turn Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com