Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBC9C3M Datasheet(PDF) 4 Page - Dialight Corporation

Part # HBC9C3M
Description  SafeSite Series LED High Bay Fixture
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBC9C3M Datasheet(HTML) 4 Page - Dialight Corporation

  HBC9C3M Datasheet HTML 1Page - Dialight Corporation HBC9C3M Datasheet HTML 2Page - Dialight Corporation HBC9C3M Datasheet HTML 3Page - Dialight Corporation HBC9C3M Datasheet HTML 4Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HBXW1 - Wall Mount
SafeSite
® Series LED High Bay
Mounting Options & Accessories
HBXC1 - Ceiling Mount
HBXCG - Cable Gland
11.23
[285.24]
Dimensions in Inches [mm]
16.00
[406.40]
4.06
[103.12]
12.09
[307.09]
3/4" RIGID CONDUIT
3" LONG
7.66
[194.56]
12.66
[321.56]
16.00
[406.40]
16.00
[406.40]
2.00
[50.80]
3.00
[76.20]
10’ [3.05m] cord
CABLE GLAND
5.00
[127.00]
MDTFHZCHB001_D
HBXW2 - Swivel Bracket and Cable Gland
www.dialight.com
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFHZCHB001.pdf
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com