Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSD3C4D2P Datasheet(PDF) 1 Page - Dialight Corporation

Part # LSD3C4D2P
Description  SafeSite Series LED Linear Fixture
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

LSD3C4D2P Datasheet(HTML) 1 Page - Dialight Corporation

  LSD3C4D2P Datasheet HTML 1Page - Dialight Corporation LSD3C4D2P Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SafeSite
® Series LED Linear Fixture
Mechanical Information
Container Weight:
17 lbs (7.71 kg) 4’
12 lbs (5.44 kg) 2’
Mounting:
Three 3/4” NPT openings
LSXW4 optional swivel bracket
Electrical specifications
Operating Voltage:
100-277VAC, 50/60 Hz
Power Consumption:
100W 4’ version
50W 2’ version
Operating Temp:
-40°F to +133°F (-40°C to +55°C)
Harmonics:
IEC 6100-3-2
Surge / Lightning
1 kV line to line
Protection:
2 kV line to ground
THD:
< 15%
Power Factor:
> 0.95
Power supply equipped with inline fuse
Construction
Body:
Powder Coated Aluminum
Lens:
Polycarbonate
Photometric Information
CRI:
> 70
CCT(typ)
5,000K (cool white)
IES Files:
Available upon request
Certifications & Ratings:
w UL1598 – Standard for Luminaires
w UL1598A – Standard for Marine Vessels
w UL 844 – Hazardous Locations
w IP66 – Ingress Protection (Pending)
w NEMA 4X – Outdoor rated (Pending)
Features & Benefits:
w Resistant to Water, Salt, Dust & Vibration
w Vibration tested to UL 844 for 35 hours @ 2,000 CPM
w Resistant up to 20 PSI of hose directed water
w Low power consumption
w Instant on/off operation
w Universal input (100-277 VAC), 50/60Hz
w Superior color rendition index compared to HPS, LPS, MV
w Mercury Free
w Resistant to shock
w Temperature compensation technology for longer life
w 70% lumen maintenance over 60,000 operating hours
Application
The first of its kind, Dialight’s SafeSite
® Series LED linear fixture was designed
specifically
to
replace
fluorescent
lighting
fixtures
in
industrial
applications, hazardous locations & transit applications.
The SafeSite
® LED Linear fixture’s rugged solid state design makes it highly
resistant to shock, vibration, its fully gasketed IP 66 rated enclosure makes
it suitable for dust & wet locations , its 1598A rating guarantees added
protection from salt water spray, while it’s superior design allows for
increased mounting versatility and ease of installation.
www.dialight.com
Ordering Codes:
Part Number
Description
LSXW4
Swivel bracket
Ordering Code: Mounting Bracket
Part Number
Length
Fixture Lumens
Class I, Div 2
Class II, Div 1
Class II, Div 2
Class III, Div 1
Class III, Div 2
LSD3C4D2P
2’
3,500
A / B / C / D
E / F / G
LSD3C4M2P
4’
7,000
A / B / C / D
E / F / G
LSF3C4D2P
2’
3,500
A / B / C / D
E / F / G
F / G
X
X
LSF3C4M2P
4’
7,000
A / B / C / D
E / F / G
F / G
X
X
3.17
(80.6)
6.40
(162.5)
47.93
(1217.5)
23.93
(607.9)
For projects requiring Buy American certification,
consult factory for additional information and details


Similar Part No. - LSD3C4D2P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
177Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
LSD3C4D2P DIALIGHT-LSD3C4D2P Datasheet
613Kb / 8P
SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
LSD3C4D2PHE DIALIGHT-LSD3C4D2PHE Datasheet
613Kb / 8P
SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
LSD3C4D2P DIALIGHT-LSD3C4D2P_12 Datasheet
182Kb / 2P
SafeSite짰 LED Linear Fixture Class I, Div. 2 Version
More results

Similar Description - LSD3C4D2P

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
CDS-425-CW-S DIALIGHT-CDS-425-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-RGB-S-P DIALIGHT-CDS-425-RGB-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
HBC9C3M DIALIGHT-HBC9C3M Datasheet
369Kb / 4P
SafeSite Series LED High Bay Fixture
HZC8C2N DIALIGHT-HZC8C2N Datasheet
178Kb / 2P
SafeSite Series LED Area Light
HZC020701111212 DIALIGHT-HZC020701111212 Datasheet
3Mb / 4P
SafeSite LED Area Light
LPK24 DIALIGHT-LPK24 Datasheet
760Kb / 2P
DuroSite Series LPK LED Linear Fixture
LSC3C4D3GEX DIALIGHT-LSC3C4D3GEX Datasheet
122Kb / 2P
SafeSite Series LED Linear Fixture
CDS-425-12-CW-S DIALIGHT-CDS-425-12-CW-S Datasheet
191Kb / 2P
CD Series White LED Linear Fixture
CDS-425-12-S-P DIALIGHT-CDS-425-12-S-P Datasheet
234Kb / 2P
CD Series LED Linear RGB Fixture
LSD3C4M2PHE DIALIGHT-LSD3C4M2PHE Datasheet
613Kb / 8P
SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com