Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL496 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GL496
Description  High Speed Infrared Emitting Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL496 Datasheet(HTML) 4 Page - Sharp Corporation

  GL496 Datasheet HTML 1Page - Sharp Corporation GL496 Datasheet HTML 2Page - Sharp Corporation GL496 Datasheet HTML 3Page - Sharp Corporation GL496 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Please refer to the chapter "Precautions for Use". (Page 78 to 93)
GL496
Fig. 9 Relative Radiant Intensity vs. Frequency
Frequency f (MHz)
Fig. 11 Radiation Diagram
Fig. 10 Relative Collector Current vs. Distance
(Ta = 25˚C)
0.1
1
10
40
100
-9
-6
-3
0
3
Ta=25˚C
IF=50mA+10mAp-p
Angular displacement
θ
0
20
40
60
80
- 20˚
- 10˚
10˚
20˚
100
- 90˚
- 80˚
- 70˚
- 60˚
- 50˚
90˚
80˚
70˚
60˚
50˚
- 40˚
- 30˚
40˚
30˚
Distance between emitter and detector d (mm)
100
10
1
0.1
0.1
1
10
100
IF=50mA
Ta=25˚C
(Detector : PT414PI)
q



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com