Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B101KA Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY14B101KA
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101KA Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY14B101KA Datasheet HTML 17Page - Cypress Semiconductor CY14B101KA Datasheet HTML 18Page - Cypress Semiconductor CY14B101KA Datasheet HTML 19Page - Cypress Semiconductor CY14B101KA Datasheet HTML 20Page - Cypress Semiconductor CY14B101KA Datasheet HTML 21Page - Cypress Semiconductor CY14B101KA Datasheet HTML 22Page - Cypress Semiconductor CY14B101KA Datasheet HTML 23Page - Cypress Semiconductor CY14B101KA Datasheet HTML 24Page - Cypress Semiconductor CY14B101KA Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CY14B101KA
CY14B101MA
Document #: 001-42880 Rev. *I
Page 21 of 34
Figure 8. SRAM Read Cycle #2 (CE and OE Controlled) [30, 31, 32]
Figure 9. SRAM Write Cycle #1 (WE Controlled) [30, 32, 33, 34]
Switching Waveforms (continued)
Address Valid
Address
Data Output
Output Data Valid
Standby
Active
High Impedance
CE
OE
BHE, BLE
I
CC
t
HZCE
t
RC
t
ACE
t
AA
t
LZCE
t
DOE
t
LZOE
t
DBE
t
LZBE
t
PU
t
PD
t
HZBE
t
HZOE
Data Output
Data Input
Input Data Valid
High Impedance
Address Valid
Address
Previous Data
t
WC
t
SCE
t
HA
t
BW
t
AW
t
PWE
t
SA
t
SD
t
HD
t
HZWE
t
LZWE
WE
BHE, BLE
CE
Note
30. BHE and BLE are applicable for × 16 configuration only.
31. WE must be HIGH during SRAM read cycles.
32. HSB must remain HIGH during read and write cycles.
33. If WE is LOW when CE goes LOW, the outputs remain in the high impedance state.
34. CE or WE must be
VIH during address transitions.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com