Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYUSB3014 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB3014
Description  EZ-USB FX3 SuperSpeed USB Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB3014 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB3014 Datasheet HTML 9Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 10Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 11Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 12Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 13Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 14Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 15Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 16Page - Cypress Semiconductor CYUSB3014 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PRELIMINARY
CYUSB3014
Document Number 001-52136 Rev. *I
Page 13 of 38
Configuration Options
Configuration options are available for specific usage models.
Contact Cypress Applications/Marketing for details.
Digital I/Os
EZ-USB FX3 provides firmware controlled pull up or pull down
resistors internally on all digital I/O pins. The pins can be pulled
high through an internal 50 k
 resistor or can be pulled low
through an internal 10 k
 resistor to prevent the pins from
floating. The I/O pins may have the following states:
■ Tristated (High-Z)
■ Weak Pull up (via internal 50 k)
■ Pull down (via internal 10 k)
■ Hold (I/O hold its value) when in low power modes
■ The JTAG signals TDI, TMC, TRST# signals have fixed 50 k
internal pull-ups & the TCK signal has a fixed 10 k
pull down
resistor.
GPIOs
EZ-USB allows for a flexible pin configuration both on the GPIF
II and the serial peripheral interfaces. Any unused control pins
on the GPIF II interface may be used as GPIOs. Similarly, any
unused pins on the serial peripheral interfaces may be
configured as GPIOs. Please refer to the Pin List for pin config-
uration options.
All GPIF II and GPIO pins support an external load of up to 16pF
per pin.
EMI
EZ-USB FX3 meets EMI requirements outlined by FCC 15B
(USA) and EN55022 (Europe) for consumer electronics.
EZ-USB FX3 can tolerate reasonable EMI conducted by
aggressor outlined by these specifications and continue to
function as expected.
System Level ESD
EZ-USB FX3 has built-in ESD protection on the D+, D-, GND
pins on the USB interface. The ESD protection levels provided
on these ports are:
■ ± 2.2 KV Human Body Model (HBM) based on JESD22-A114
Specification
■ ± 6 KV Contact Discharge and ± 8 KV Air Gap Discharge based
on IEC61000-4-2 level 3A
■ ± 8 KV Contact Discharge and ± 15 KV Air Gap Discharge
based on IEC61000-4-2 level 4C.
This protection ensures the device will continue to function after
ESD events up to the levels stated.
The SSRX+, SSRX-, SSTX+, SSTX- pins only have up to +/-
2.2KV Human Body Model (HBM) internal ESD protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com