Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP42 Datasheet(PDF) 2 Page - ON Semiconductor

Part # TIP42
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP42 Datasheet(HTML) 2 Page - ON Semiconductor

  TIP42 Datasheet HTML 1Page - ON Semiconductor TIP42 Datasheet HTML 2Page - ON Semiconductor TIP42 Datasheet HTML 3Page - ON Semiconductor TIP42 Datasheet HTML 4Page - ON Semiconductor TIP42 Datasheet HTML 5Page - ON Semiconductor TIP42 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP41, TIP41A, TIP41B, TIP41C (NPN); TIP42, TIP42A, TIP42B, TIP42C (PNP)
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (Note 2)
TIP41, TIP42
(IC = 30 mAdc, IB = 0)
TIP41A, TIP42A
TIP41B, TIP42B
TIP41C, TIP42C
VCEO(sus)
40
60
80
100
-
-
-
-
Vdc
Collector Cutoff Current
(VCE = 30 Vdc, IB = 0)
TIP41, TIP41A, TIP42, TIP42A
(VCE = 60 Vdc, IB = 0)
TIP41B, TIP41C, TIP42B, TIP42C
ICEO
-
-
0.7
0.7
mAdc
Collector Cutoff Current
(VCE = 40 Vdc, VEB = 0)
TIP41, TIP42
(VCE = 60 Vdc, VEB = 0)
TIP41A, TIP42A
(VCE = 80 Vdc, VEB = 0)
TIP41B, TIP42B
(VCE = 100 Vdc, VEB = 0)
TIP41C, TIP42C
ICES
-
-
-
-
400
400
400
400
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc, IC = 0)
IEBO
-
1.0
mAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain (IC = 0.3 Adc, VCE = 4.0 Vdc)
DC Current Gain (IC = 3.0 Adc, VCE = 4.0 Vdc)
hFE
30
15
-
75
-
Collector-Emitter Saturation Voltage (IC = 6.0 Adc, IB = 600 mAdc)
VCE(sat)
-
1.5
Vdc
Base-Emitter On Voltage (IC = 6.0 Adc, VCE = 4.0 Vdc)
VBE(on)
-
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain — Bandwidth Product (IC = 500 mAdc, VCE = 10 Vdc, ftest = 1.0
MHz)
fT
3.0
-
MHz
Small-Signal Current Gain (IC = 0.5 Adc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
20
-
-
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
TIP41
TO-220
50 Units / Rail
TIP41G
TO-220
(Pb-Free)
50 Units / Rail
TIP41A
TO-220
50 Units / Rail
TIP41AG
TO-220
(Pb-Free)
50 Units / Rail
TIP41B
TO-220
50 Units / Rail
TIP41BG
TO-220
(Pb-Free)
50 Units / Rail
TIP41C
TO-220
50 Units / Rail
TIP41CG
TO-220
(Pb-Free)
50 Units / Rail
TIP42
TO-220
50 Units / Rail
TIP42G
TO-220
(Pb-Free)
50 Units / Rail
TIP42A
TO-220
50 Units / Rail
TIP42AG
TO-220
(Pb-Free)
50 Units / Rail
TIP42B
TO-220
50 Units / Rail
TIP42BG
TO-220
(Pb-Free)
50 Units / Rail
TIP42C
TO-220
50 Units / Rail
TIP42CG
TO-220
(Pb-Free)
50 Units / Rail



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com