Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC4617QLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DC4617QLP
Description  50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4617QLP Datasheet(HTML) 3 Page - Diodes Incorporated

  2DC4617QLP Datasheet HTML 1Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 2Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 3Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 4Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2DC4617QLP
Document number: DS31439 Rev. 4 - 2
3 of 5
www.diodes.com
February 2011
© Diodes Incorporated
2DC4617QLP
0
50
100
0
2550
75100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
150
200
250
300
R
= 500 C/W
θJA
°
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
01
2
3
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
0
20
40
60
80
100
I = 0.1mA
B
I = 0.2mA
B
I = 0.3mA
B
I = 0.4mA
B
I = 0.5mA
B
I , COLLECTOR CURRENT (mA)
Fig. 3
C
Typical DC Current Gain
vs. Collector Current
0.1
1
10
100
1,000
0
100
200
300
400
I , COLLECTOR CURRENT (mA)
Fig. 4
C
Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1,000
T = 150ºC
A
T = -55ºC
A
T = 85ºC
A
T = 25ºC
A
I/I = 10
CB
I , COLLECTOR CURRENT (mA)
Fig. 5
C
Typical Base-Emitter Turn-On Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1,000
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0
0.2
0.4
0.6
0.8
1.0
1.2
1,000
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I/I = 10
CB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com