Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC4040SSD Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMC4040SSD
Description  40V COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC4040SSD Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button DMC4040SSD Datasheet HTML 2Page - Diodes Incorporated DMC4040SSD Datasheet HTML 3Page - Diodes Incorporated DMC4040SSD Datasheet HTML 4Page - Diodes Incorporated DMC4040SSD Datasheet HTML 5Page - Diodes Incorporated DMC4040SSD Datasheet HTML 6Page - Diodes Incorporated DMC4040SSD Datasheet HTML 7Page - Diodes Incorporated DMC4040SSD Datasheet HTML 8Page - Diodes Incorporated DMC4040SSD Datasheet HTML 9Page - Diodes Incorporated DMC4040SSD Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DMC4040SSD
Document number: DS32120 Rev. 2 - 2
6 of 11
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMC4040SSD
10
100
1,000
10,000
0
5
10
15
20
25
30
Fig. 9 Typical Total Capacitance
V
, DRAIN-SOURCE VOLTAGE (V)
DS
C
iss
C
rss
Coss
f = 1MHz
0
5
10
15
20
25
30
35
40
Fig. 10 Typical Leakage Current
vs. Drain-Source Voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
1
10
100
10,000
1,000
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
5
10
15
20
25
30
35
40
Fig. 11 Gate-Charge Characteristics
Q , TOTAL GATE CHARGE (nC)
g
0
2
4
6
8
10
V
= 20V
I = 12A
DS
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com