Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906LP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBT3906LP
Description  40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906LP Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBT3906LP Datasheet HTML 1Page - Diodes Incorporated MMBT3906LP Datasheet HTML 2Page - Diodes Incorporated MMBT3906LP Datasheet HTML 3Page - Diodes Incorporated MMBT3906LP Datasheet HTML 4Page - Diodes Incorporated MMBT3906LP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMBT3906LP
Document number: DS31836 Rev. 3 - 2
3 of 5
www.diodes.com
February 2011
© Diodes Incorporated
MMBT3906LP
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-40
V
IC = -10μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
BVCEO
-40
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5.0
V
IE = -10μA, IC = 0
Collector Cutoff Current
ICEX
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ICBO
-50
nA
VCB = -30V, IE = 0
Base Cutoff Current
IBL
-50
nA
VCE = -30V, VEB(OFF) = -3.0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
60
80
100
60
30
300
IC = -100µA, VCE = -1.0V
IC = -1.0mA, VCE = -1.0V
IC = -10mA, VCE = -1.0V
IC = -50mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(sat)
-0.25
-0.40
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.65
-0.85
-0.95
V
IC = -10mA, IB = -1.0mA
IC = -50mA, IB = -5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
4.5
pF
VCB = -5.0V, f = 1.0MHz, IE = 0
Input Capacitance
Cibo
10
pF
VEB = -0.5V, f = 1.0MHz, IC = 0
Input Impedance
hie
2.0
12
k
Ω
VCE = 10V, IC = 1.0mA,
f = 1.0kHz
Voltage Feedback Ratio
hre
0.1
10
x 10
-4
Small Signal Current Gain
hfe
100
400
Output Admittance
hoe
3.0
60
μS
Current Gain-Bandwidth Product
fT
300
MHz
VCE = -20V, IC = -10mA,
f = 100MHz
SWITCHING CHARACTERISTICS
Delay Time
td
35
ns
VCC = -3.0V, IC = -10mA,
VBE(off) = 0.5V, IB1 = -1.0mA
Rise Time
tr
35
ns
Storage Time
ts
225
ns
VCC = -3.0V, IC = -10mA,
IB1 = IB2 = -1.0mA
Fall Time
tf
75
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
0.04
0.08
0.12
0.16
0.20
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = -2mA
B
I = -0.2mA
B
I = -0.4mA
B
I = -0.6mA
B
I = -0.8mA
B
I = -1.6mA
B
I = -1.4mA
B
I = -1.2mA
B
I = -1.8mA
B
I = -1mA
B
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
300
350
400
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
V
= 1V
CE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com