Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1370 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # ZXLD1370
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button ZXLD1370 Datasheet HTML 17Page - Diodes Incorporated ZXLD1370 Datasheet HTML 18Page - Diodes Incorporated ZXLD1370 Datasheet HTML 19Page - Diodes Incorporated ZXLD1370 Datasheet HTML 20Page - Diodes Incorporated ZXLD1370 Datasheet HTML 21Page - Diodes Incorporated ZXLD1370 Datasheet HTML 22Page - Diodes Incorporated ZXLD1370 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
21 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
Assuming that cumulatively the rise time and fall time can account for a maximum of 10% of the period, the maximum
frequency allowed in this condition is:
tPERIOD = 20*dt
f = 1/ tPERIOD = 515kHz
This frequency is within the recommended frequency range the device can handle, therefore the ZXMN6A09K is
recommended to be used with the ZXLD1370 for frequencies from 300kHz to 500kHz).
The recommended total gate charge for the MOSFET used in conjunction with the ZXLD1370 is less than 30nC.
Junction temperature estimation
Finally, the ZXLD1370 junction temperature can be estimated using the following equations:
Total supply current of ZXLD1370:
IQTOT ≈ IQ + f • QG
Where IQ = total quiescent current IQ-IN + IQ-AUX
Power consumed by ZXLD1370
PIC = VIN • (IQ + f • Qg)
Or in case of separate voltage supply, with VAUX < 15V
PIC = VIN • IQ-IN + Vaux • (IQ-AUX + f • Qg)
TJ =
TA + PIC • θJA =
TA + PIC • (θJC + θCA)
Where the total quiescent current IQTOT consists of the static supply current (IQ) and the current required to charge and
discharge the gate of the power MOSFET. Moreover the part of thermal resistance between case and ambient depends on
the PCB characteristics.
0
0.5
1
1.5
2
2.5
-40
-25
-10
5
2035506580
95
110
125
Ambient temperature (°C)
Figure 27. Power derating curve for ZXLD1370 mounted on test board according to JESD51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com