Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1370EST16TC Datasheet(PDF) 24 Page - Diodes Incorporated

Part # ZXLD1370EST16TC
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370EST16TC Datasheet(HTML) 24 Page - Diodes Incorporated

Back Button ZXLD1370EST16TC Datasheet HTML 20Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 21Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 22Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 23Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 24Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 25Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 26Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 27Page - Diodes Incorporated ZXLD1370EST16TC Datasheet HTML 28Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 4 - 2
24 of 36
www.diodes.com
March 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Applications Information (Continued)
PWM OUTPUT CURRENT CONTROL & DIMMING
The ZXLD1370 has a dedicated PWM dimming input that allows a wide dimming frequency range from 100Hz to 1kHz with
up to 1000:1 resolution; however higher dimming frequencies can be used – at the expense of dimming dynamic range and
accuracy.
Typically, for a PWM frequency of 1kHz, the error on the current linearity is lower than 5%; in particular the accuracy is
better than 1% for PWM from 5% to 100%. This is shown in the graph below:
Buck mode - L=33uH - Rs = 150m
Ω - PWM @1kHz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
10
20304050
60
7080
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @ 1kHz
Error
Figure 28: LED current linearity and accuracy with PWM dimming at 1kHz
For a PWM frequency of 100Hz, the error on the current linearity is lower than 2.5%; it becomes negligible for PWM greater
than 5%. This is shown in the graph below:
Buck mode - L=33uH - Rs = 150m
Ω - PWM @100Hz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
1020
3040506070
8090
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @100Hz
Error
Figure 29: LED current linearity and accuracy with PWM dimming at 100Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels. It can be driven also by an open drain/collector
transistor. In this case the designer can either use the internal pull-up network or an external pull-up network in order to
speed-up PWM transitions, as shown in the Boost/ Buck-Boost section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com