Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV7623WPB3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV7623WPB3
Description  480 output high-voltage gate driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7623WPB3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV7623WPB3 Datasheet HTML 2Page - STMicroelectronics STV7623WPB3 Datasheet HTML 3Page - STMicroelectronics STV7623WPB3 Datasheet HTML 4Page - STMicroelectronics STV7623WPB3 Datasheet HTML 5Page - STMicroelectronics STV7623WPB3 Datasheet HTML 6Page - STMicroelectronics STV7623WPB3 Datasheet HTML 7Page - STMicroelectronics STV7623WPB3 Datasheet HTML 8Page - STMicroelectronics STV7623WPB3 Datasheet HTML 9Page - STMicroelectronics STV7623WPB3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Functional description
STV7623
6/27
Doc ID 018939 Rev 1
2
Functional description
The STV7623 includes all the logic and power circuits necessary to drive the thin-film
transistor (TFT) of an active matrix display backplane. A low-voltage logic block manages
data information, and a high-voltage block converts the low-voltage information stored in the
logic block into high-voltage signals applied to the display gate lines.
2.1
Device operation
In the condition of DIR=L, the STV1 start pulse input is sensed at the rising edge of CLK and
stored in the first stage of shift register, which causes the first scan signal is outputted from
the OUT1 output pin. While stored data is transferred to the next stage of the shift register at
the rising edge of the CLK signal, new data of STV1 is sensed and stored simultaneously.
The output pin (OUT1 to OUT480) supplies VP or VN voltage to the gate lines depending on
the data stored in the shift register. For normal operation, a VP voltage is outputted one by
one like a shift token from OUT1 to OUT480, in sync with CLK pulse.
STV2 goes up to high level at the 400/480th falling edge of CLK and goes down to low level
at the 401/481th falling edge of CLK. This STV2 is connected to the next driver IC STV1
signal to cascade (daisy chain) them.
When STV2 is an output, the signal is activated for 1/2 clock later.
When the chip is configured in 400 output mode, only the first 400 bits entering the shift
register are used, the remaining 80 outputs are removed from the shift register.
Figure 3.
Example of input/output timing DIR = H
1
2
3
4
5
6
7
479
480
481
482
CLK
STV1
BLANK
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT480
STV2
Example of input/output timing (DIR=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com