Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G04 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC2G04
Description  DUAL INVERTER GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G04 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC2G04 Datasheet HTML 1Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 2Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 3Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 4Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 5Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 6Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 7Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 8Page - Diodes Incorporated 74LVC2G04 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74LVC2G04
DUAL INVERTER GATE
74LVC2G04.
Document number: DS35160 Rev 3 - 2
2 of 12
www.diodes.com
June 2011
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin NO.
Description
1A
1
Data Input
GND
2
Ground
2A
3
Data Input
2Y
4
Data Output
VCC
5
Supply Voltage
1Y
6
Data Output
Logic Diagram
1
6
1Y
1A
3
4
2Y
2A
Function Table
Inputs
Output
A
Y
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com