Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G17DW Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74LVC2G17DW
Description  DUAL SCHMITT TRIGGER BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G17DW Datasheet(HTML) 4 Page - Diodes Incorporated

  74LVC2G17DW Datasheet HTML 1Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G17DW Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVC2G17
DUAL SCHMITT TRIGGER BUFFER
74LVC2G17
Document number: DS35164 Rev. 3 - 2
4 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
40ºC to 85ºC
-40ºC to 125ºC
Min
Max
Min
Max
Unit
VT+
Positive-going input
threshold Voltage
1.8V
0.70
1.50
0.70
1.70
V
2.3V
1.00
1.80
1.00
2.00
3V
1.30
2.20
1.30
2.40
4.5V
1.90
3.10
1.90
3.30
5.5V
2.20
3.60
2.20
3.80
VT-
Negative-going
input threshold
Voltage
1.65V
0.25
0.90
0.39
1.10
V
2.3V
0.40
1.15
0.25
0.87
3V
0.60
1.50
0.40
1.35
4.5V
1.00
2.00
0.60
1.70
5.5V
1.20
2.30
1.00
2.50
∆VT
Hysteresis
(VT+ - VT-)
1.8V
0.15
1.00
0.37
1.20
μA
2.3V
0.25
1.10
0.15
1.30
3V
0.40
1.20
0.40
1.40
4.5V
0.60
1.50
0.60
1.70
5.5V
0.70
1.70
0.70
1.90
VOH
High Level Output
Voltage
IOH = -100 μA
1.65V to 4.5V
VCC – 0.1
VCC – 0.1
V
IOH = -4 mA
1.65V
1.2
0.95
IOH = -8 mA
2.3V
1.9
1.7
IOH = -16 mA
3V
2.4
1.9
IOH = -24 mA
2.3
2.0
IOH = -32 mA
4.5V
3.8
3.4
VOL
Low-Level Output
Voltage
IOL = 100 μA
1.65V to 4.5V
0.1
0.10
V
IOL = 4 mA
1.65V
0.45
0.70
IOL = 8 mA
2.3V
0.3
0.45
IOL = 16 mA
3V
0.4
0.60
IOL = 24 mA
0.55
0.80
IOL = 32 mA
4.5
0.55
0.80
II
Input Current
VI = 5.5 V or GND
0 to 5.5V
± 5
± 20
μA
IOFF
Power Down
Leakage Current
VI or VO = 5.5V
0
± 10
± 20
μA
ICC
Supply Current
VI = 5.5V of GND
IO=0
1.65V to 5.5V
10
40
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com